Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-1.0-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP1874ARQZ-1.0-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-1.0-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP1874ARQZ-1.0-R7 Datasheet HTML 30Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 31Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 32Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 33Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 34Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 35Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 36Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 37Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 34 of 44
EXTERNAL COMPONENT RECOMMENDATIONS
The configurations listed in Table 10 are with fCROSS = 1/12 × fSW, fZERO = ¼ × fCROSS, RRES = 100 kΩ, RBOT = 1 kΩ, RON = 5.4 mΩ (BSC042N03MS G),
VREG = 5 V (float), and a maximum load current of 14 A.
The ADP1875 models listed in Table 10 are the PSM versions of the device.
Table 10. External Component Values
Marking Code
(First Line/Second Line)
SAP Model
ADP1874
ADP1875
VOUT
(V)
VIN
(V)
CIN
(μF)
COUT (μF)
L1
(μH)
RC
(kΩ)
CCOMP
(pF)
CPAR
(pF)
RTOP
(kΩ)
ADP1874ARQZ-0.3-R7/
1874/0.3
1875/0.3
0.8
13
5 × 222
5 × 5603
0.72
56.9
620
62
0.3
ADP1875ARQZ-0.3-R7
1874/0.3
1875/0.3
1.2
13
5 × 222
4 × 5603
1.0
56.9
620
62
1.0
1874/0.3
1875/0.3
1.8
13
4 × 222
4 × 2704
1.2
56.9
470
47
2.0
1874/0.3
1875/0.3
2.5
13
4 × 222
3 × 2704
1.53
57.6
470
47
3.2
1874/0.3
1875/0.3
3.3
13
5 × 222
2 × 3305
2.0
56.9
470
47
4.5
1874/0.3
1875/0.3
5
13
4 × 222
3305
3.27
40.7
680
68
7.3
1874/0.3
1875/0.3
7
13
4 × 222
222 + ( 4 × 476)
3.44
40.7
680
68
10.7
1874/0.3
1875/0.3
1.2
16.5
4 × 222
4 × 5603
1.0
56.9
620
62
1.0
1874/0.3
1875/0.3
1.8
16.5
3 × 222
4 × 2704
1.0
56.9
470
47
2.0
1874/0.3
1875/0.3
2.5
16.5
3 × 222
4 × 2704
1.67
57.6
470
47
3.2
1874/0.3
1875/0.3
3.3
16.5
3 × 222
2 × 3305
2.00
56.9
510
51
4.5
1874/0.3
1875/0.3
5
16.5
3 × 222
2 × 1507
3.84
41.2
680
68
7.3
1874/0.3
1875/0.3
7
16.5
3 × 222
222 + 4 × 476
4.44
40.7
680
68
10.7
ADP1874ARQZ-0.6-R7/
1874/0.6
1875/0.6
0.8
5.5
5 × 222
4 × 5603
0.22
56.2
300
300
0.3
ADP1875ARQZ-0.6-R7
1874/0.6
1875/0.6
1.2
5.5
5 × 222
4 × 2704
0.47
56.9
270
27
1.0
1874/0.6
1875/0.6
1.8
5.5
5 × 222
3 × 2704
0.47
56.9
220
22
2.0
1874/0.6
1875/0.6
2.5
5.5
5 × 222
3 × 1808
0.47
56.9
220
22
3.2
1874/0.6
1875/0.6
1.2
13
3 × 222
5 × 2704
0.47
56.9
360
36
1.0
1874/0.6
1875/0.6
1.8
13
5 × 109
3 × 3305
0.47
56.2
270
27
2.0
1874/0.6
1875/0.6
2.5
13
5 × 109
3 × 2704
0.90
57.6
240
24
3.2
1874/0.6
1875/0.6
3.3
13
5 × 109
2 × 2704
1.00
57.6
240
24
4.5
1874/0.6
1875/0.6
5
13
5 × 109
1507
1.76
40.7
360
36
7.3
1874/0.6
1875/0.6
1.2
16.5
3 × 109
4 × 2704
0.47
56.9
300
30
1.0
1874/0.6
1875/0.6
1.8
16.5
4 × 109
2 × 3305
0.72
53.6
270
27
2.0
1874/0.6
1875/0.6
2.5
16.5
4 × 109
3 × 2704
0.90
57.6
270
27
3.2
1874/0.6
1875/0.6
3.3
16.5
4 × 109
3305
1.0
53.0
270
27
4.5
1874/0.6
1875/0.6
5
16.5
4 × 109
4 × 476
2.0
41.2
360
36
7.3
1874/0.6
1875/0.6
7
16.5
4 × 109
3 × 476
2.0
40.7
300
30
10.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com