Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-1.0-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1874ARQZ-1.0-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-1.0-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1874ARQZ-1.0-R7 Datasheet HTML 22Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 23Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 24Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 25Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 26Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 27Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 28Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 29Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 26 of 44
The slave output tracks the master output dv/dt until the slave
output regulation point is reached. Any influence by the master
voltage thereafter will no longer be in effect. Ensure that the voltage
forced on the slave TRACK pin is above 0.7 V at the end of TRACK
phase. Voltages imposed on the TRACK pin below 0.7 V, once
that tracking period has expired (steady state), may result in
regulation inaccuracies due to the internal offsets of the error
amplifier between TRACK and FB. Ratiometric tracking can be
achieved by assigning the slave output to rise more quickly than
the master voltage. The simplest way to perform ratiometric
tracking is to differentially connect the slave TRACK pin to the
FB pin of the master voltage IC. The slave output, however, must
be limited to a fraction of the master voltage. In this tracking
configuration, it is not recommended for the slave TRACK pin
to terminate at a voltage lower than 0.6 V due to inaccuracies
between the TRACK and FB inputs previously mentioned. It is
not recommended to force any voltage on the slave TRACK pin
lower than 0.6 V. Figure 84 illustrates a circuit with a ratiometric
tracking configuration. Setting RTRK1 > RTRK2 ensures that the
slave TRACK voltage will rise up more quickly (to the regulation
point) than the master voltage.
MASTER VOLTAGE
SLAVE VOLTAGE
TIME (ms)
Figure 84. Ratiometric Tracking: Master Voltage—Slave Voltage Tracking
Relationship



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com