Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-1.0-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1874ARQZ-1.0-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-1.0-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1874ARQZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 19Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 20Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 21Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 22Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 19 of 44
THEORY OF OPERATION
The ADP1874/ADP1875 are versatile current mode, synchronous
step-down controllers that provide superior transient response,
optimal stability, and current limit protection by using a constant
on-time, pseudo-fixed frequency with a programmable current-
sense gain, current-control scheme. In addition, these devices offer
optimum performance at low duty cycles by using a valley, current
mode control architecture. This allows the ADP1874/ADP1875
to drive all N-channel power stages to regulate output voltages
to as low as 0.6 V.
STARTUP
The ADP1874/ADP1875 have an internal regulator (VREG) for
biasing and supplying power for the integrated MOSFET drivers.
A bypass capacitor should be located directly across the VREG
(Pin 7) and PGND (Pin 13) pins. Included in the power-up
sequence is the biasing of the current-sense amplifier, the current-
sense gain circuit (see the Programming Resistor (RES) Detect
Circuit section), the soft start circuit, and the error amplifier.
The current-sense blocks provide valley current information
(see the Programming Resistor (RES) Detect Circuit section)
and are a variable of the compensation equation for loop stability
(see the Compensation Network section). The valley current
information is extracted by forcing a voltage across the RES and
PGND pins, which generates a current depending on the resistor
value across RES and PGND. The current through the resistor is
used to set the current-sense amplifier gain. This process takes
approximately 800 μs, after which the drive signal pulses appear
at the DRVL and DRVH pins synchronously, and the output
voltage begins to rise in a controlled manner through the soft
start sequence.
The rise time of the output voltage is determined by the soft
start and error amplifier blocks (see the Soft Start section). At
the beginning of a soft start, the error amplifier charges the
external compensation capacitor, causing the COMP pin to
begin to rise (see Figure 66). Tying the VREG pin to the EN pin
via a pull-up resistor causes the voltage at this pin to rise above the
enable threshold of 630 mV to enable the ADP1874/ADP1875.
SOFT START
The ADP1874 employs externally programmable, soft start
circuitry that charges up a capacitor tied to the SS pin to GND.
This prevents input in-rush current through the external MOSFET
from the input supply (VIN). The output tracks the ramping voltage
by producing PWM output pulses to the upper-side MOSFET.
The purpose is to limit the in-rush current from the high
voltage input supply (VIN) to the output (VOUT).
PRECISION ENABLE CIRCUITRY
The ADP1874/ADP1875 have precision enable circuitry. The
precision enable threshold is 630 mV with 30 mV of hysteresis
(see Figure 65). Connecting the EN pin to GND disables the
ADP1874/ADP1875, reducing the supply current of the device
to approximately 140 μA.
PRECISION
ENABLE COMP.
TO ENABLE
ALL BLOCKS
EN
630mV
VREG
10kΩ
Figure 65. Connecting EN Pin to VREG via a Pull-Up Resistor to Enable the
ADP1874/ADP1875
COMP
2.4V
1.0V
500mV
0V
MAXIMUM CURRENT (UPPER CLAMP)
ZERO CURRENT
USABLE RANGE ONLY AFTER SOFT START
PERIOD IF CONTUNUOUS CONDUCTION
MODE OF OPERATION IS SELECTED.
LOWER CLAMP
Figure 66. COMP Voltage Range
UNDERVOLTAGE LOCKOUT
The undervoltage lockout (UVLO) feature prevents the part from
operating both the upper- and lower-side MOSFETs at extremely
low or undefined input voltage (VIN) ranges. Operation at an
undefined bias voltage may result in the incorrect propagation
of signals to the high-side power switches. This, in turn, results
in invalid output behavior that can cause damage to the output
devices, ultimately destroying the device tied at the output. The
UVLO level is set at 2.65 V (nominal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com