Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65R080CFD Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 65R080CFD
Description  650V CoolMOS CFD Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

65R080CFD Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 65R080CFD Datasheet HTML 4Page - Infineon Technologies AG 65R080CFD Datasheet HTML 5Page - Infineon Technologies AG 65R080CFD Datasheet HTML 6Page - Infineon Technologies AG 65R080CFD Datasheet HTML 7Page - Infineon Technologies AG 65R080CFD Datasheet HTML 8Page - Infineon Technologies AG 65R080CFD Datasheet HTML 9Page - Infineon Technologies AG 65R080CFD Datasheet HTML 10Page - Infineon Technologies AG 65R080CFD Datasheet HTML 11Page - Infineon Technologies AG 65R080CFD Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
650V CoolMOS™ CFD Power Transistor
IPW65R080CFD
Electrical characteristics diagrams
Final Data Sheet
10
Rev. 2.0, 2011-02-02
Table 14
Typ. capacitances
Typ.
C
oss stored energy
C=f(VDS); VGS=0 V; f=1 MHz
E
OSS=f(V
DS)
Table 15
Forward characteristics of reverse diode
IF=f(VSD); parameter: Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com