Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65R080CFD Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # 65R080CFD
Description  650V CoolMOS CFD Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

65R080CFD Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button 65R080CFD Datasheet HTML 4Page - Infineon Technologies AG 65R080CFD Datasheet HTML 5Page - Infineon Technologies AG 65R080CFD Datasheet HTML 6Page - Infineon Technologies AG 65R080CFD Datasheet HTML 7Page - Infineon Technologies AG 65R080CFD Datasheet HTML 8Page - Infineon Technologies AG 65R080CFD Datasheet HTML 9Page - Infineon Technologies AG 65R080CFD Datasheet HTML 10Page - Infineon Technologies AG 65R080CFD Datasheet HTML 11Page - Infineon Technologies AG 65R080CFD Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
650V CoolMOS™ CFD Power Transistor
IPW65R080CFD
Revision History
Final Data Sheet
12
Rev. 2.0, 2011-02-02
7
Revision History
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to: erratum@infineon.com
Edition 2011-02-02
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2011 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or
characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any
information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties
and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights
of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (www.infineon.com).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in
question, please contact the nearest Infineon Technologies Office.
The Infineon Technologies component described in this Data Sheet may be used in life-support devices or
systems and/or automotive, aviation and aerospace applications or systems only with the express written approval
of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that
life-support, automotive, aviation and aerospace device or system or to affect the safety or effectiveness of that
device or system. Life support devices or systems are intended to be implanted in the human body or to support
and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the
user or other persons may be endangered.
Revision History: 2011-02-02, Rev. 2.0
Previous Revision:
Revision
Subjects (major changes since last revision)
2.0
Release of final data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com