Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65R080CFD Datasheet (PDF) - Infineon Technologies AG

65R080CFD Datasheet PDF - Infineon Technologies AG
Part # 65R080CFD
Download  65R080CFD Download
File Size   1492.72 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS CFD Power Transistor

65R080CFD Datasheet (PDF)

Go To PDF Page Download Datasheet
65R080CFD Datasheet PDF - Infineon Technologies AG

Part # 65R080CFD
Download  65R080CFD Click to download

File Size   1492.72 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS CFD Power Transistor

65R080CFD Datasheet (HTML) - Infineon Technologies AG


65R080CFD Product details

Description
CoolMOS™ is a revolutionary technology for high voltage power MOSFETs, designed according to the superjunction (SJ) principle and pioneered by Infineon Technologies. 650V CoolMOS™ CFD series combines the experience of the leading SJ MOSFET supplier with high class innovation. The resulting devices provide all benefits of a fast switching SJ MOSFET while offering an extremely fast and robust body diode. This combination of extremely low switching, commutation and conduction losses together with highest robustness make especially resonant switching applications more reliable, more efficient, lighter, and cooler

Features
• Ultra-fast body diode
• Very high commutation ruggedness
• Extremely low losses due to very low FOM Rdson*Qg and Eoss
• Easy to use/drive
• Qualified for industrial grade applications according to JEDEC1),
• Pb-free plating, Halogen free mold compound

Applications
   650V CoolMOS™ CFD is especially suitable for resonant switching PWM stages for
   e.g. PC Silverbox, LCD TV, Lighting, Server,Telecom, and Solar




Similar Part No. - 65R080CFD

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
65R075DFD WUMC-65R075DFD Datasheet
753Kb / 10P
650V Super-junction Power MOSFET
V1.0
More results


Similar Description - 65R080CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPI65R660CFD INFINEON-IPI65R660CFD Datasheet
3Mb / 20P
650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-01
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPW65R019C7 INFINEON-IPW65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.1
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R1K0CE INFINEON-IPA65R1K0CE Datasheet
996Kb / 15P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com