Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65R080CFD Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 65R080CFD
Description  650V CoolMOS CFD Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

65R080CFD Datasheet(HTML) 2 Page - Infineon Technologies AG

  65R080CFD Datasheet HTML 1Page - Infineon Technologies AG 65R080CFD Datasheet HTML 2Page - Infineon Technologies AG 65R080CFD Datasheet HTML 3Page - Infineon Technologies AG 65R080CFD Datasheet HTML 4Page - Infineon Technologies AG 65R080CFD Datasheet HTML 5Page - Infineon Technologies AG 65R080CFD Datasheet HTML 6Page - Infineon Technologies AG 65R080CFD Datasheet HTML 7Page - Infineon Technologies AG 65R080CFD Datasheet HTML 8Page - Infineon Technologies AG 65R080CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
drain
pin 2
gate
pin 1
source
pin 3
650V CoolMOS™ CFD Power Transistor
IPW65R080CFD
Final Data Sheet
2
Rev. 2.0, 2011-02-02
1
Description
CoolMOS™ is a revolutionary technology for high voltage power MOSFETs,
designed according to the superjunction (SJ) principle and pioneered by Infineon
Technologies. 650V CoolMOS™ CFD series combines the experience of the
leading SJ MOSFET supplier with high class innovation. The resulting devices
provide all benefits of a fast switching SJ MOSFET while offering an extremely fast
and robust body diode. This combination of extremely low switching, commutation
and conduction losses together with highest robustness make especially resonant
switching applications more reliable, more efficient, lighter, and cooler
Features
•
Ultra-fast body diode
•
Very high commutation ruggedness
•
Extremely low losses due to very low FOM Rdson*Qg and Eoss
•
Easy to use/drive
•
Qualified for industrial grade applications according to JEDEC1),
•
Pb-free plating, Halogen free mold compound
Applications
650V CoolMOS™ CFD is especially suitable for resonant switching PWM stages for
e.g. PC Silverbox, LCD TV, Lighting, Server,Telecom, and Solar
Please note: For MOSFET paralleling the use of ferrite beads on the gate
or separate totem poles is generally recommended.
1) J-STD20 and JESD22
Table 1
Key Performance Parameters
Parameter
Value
Unit
Related Links
VDS @ Tj,max
700
V
IFX CoolMOS Webpage
RDS(on),max
0.08
IFX Design tools
Body diode di/dt
900
A/µs
Qrr
1µC
trr
180
ns
Irrm
10
A
Qg,typ
170
nC
ID,pulse
137
A
Eoss @ 400V
12.5
µJ
Type
Package
Marking
IPW65R080CFD
PG-TO247
65F6080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com