Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254GS Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4254GS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254GS Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4254GS Datasheet HTML 1Page - Infineon Technologies AG TLE4254GS Datasheet HTML 2Page - Infineon Technologies AG TLE4254GS Datasheet HTML 3Page - Infineon Technologies AG TLE4254GS Datasheet HTML 4Page - Infineon Technologies AG TLE4254GS Datasheet HTML 5Page - Infineon Technologies AG TLE4254GS Datasheet HTML 6Page - Infineon Technologies AG TLE4254GS Datasheet HTML 7Page - Infineon Technologies AG TLE4254GS Datasheet HTML 8Page - Infineon Technologies AG TLE4254GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
5
Rev. 1.2, 2009-11-18
TLE4254
Pin Definitions and Functions
3.3
Pin Assignment TLE4254EJ A and TLE4254EJ S
Figure 4
Pin Configurations TLE4254EJ A and TLE4254EJ S
3.4
Pin Functions TLE4254EJ A and TLE4254EJ S
Pin
Symbol
Function
1Q
Tracker Output.
Block to GND with a capacitor close to the IC terminals, respecting capacitance and ESR
requirements given in the table “Functional Range”.
2, 3,
7
n.c.
not connected
connect to GND
4FB
(version EJ A)
Feedback input (version EJ A only).
Non inverting input of the internal error amplifier to control the output voltage.
Connect this pin directly to the output pin in order to obtain lower or equal output voltages
with respect to the reference voltage.
Connect a voltage divider for higher output voltages than the reference.
(See also application information.)
4ST
(version EJ S)
Tracking Regulator Status Output (version GS only).
Open collector output. Connect via a pull-up resistor to a positive voltage rail.
A low signal indicates fault condions at the regulator’s output.
5EN/ADJ
Adjust / Enable.
Connect the reference to this pin. The active high signal of the reference turns on the
device; a low signal disables the IC. The reference voltage can be connected directly or by
a voltage divider for lower output voltages (see application information).
6GND
Ground reference.
Interconnect the pins on PCB. Connect to heatsink area.
8I
Input.
IC supply. For compensating line influences, a capacitor close to the IC terminals is
recommended.
Pad
–
Exposed Pad
connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com