Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254GS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4254GS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254GS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4254GS Datasheet HTML 5Page - Infineon Technologies AG TLE4254GS Datasheet HTML 6Page - Infineon Technologies AG TLE4254GS Datasheet HTML 7Page - Infineon Technologies AG TLE4254GS Datasheet HTML 8Page - Infineon Technologies AG TLE4254GS Datasheet HTML 9Page - Infineon Technologies AG TLE4254GS Datasheet HTML 10Page - Infineon Technologies AG TLE4254GS Datasheet HTML 11Page - Infineon Technologies AG TLE4254GS Datasheet HTML 12Page - Infineon Technologies AG TLE4254GS Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
9
Rev. 1.2, 2009-11-18
TLE4254
Electrical Characteristics
5.1.6
Power Supply Ripple
Rejection
PSRR
60
–
–
dB
f
ripple = 100 Hz;
V
ripple = 1 Vpp
I
Q = 5 mA
C
Q = 10 µF, ceramic type
1)
5.1.7
Dropout Voltage
V
dr = VI - VQ
V
dr
–
200
400
mV
I
Q = 70 mA
2)
5.1.8
Output Current Limitation
I
Q,max
71
100
150
mA
V
Q = (VADJ/EN - 0.1 V);
V
ADJ/EN = 5 V
5.1.9
Reverse Current
I
Q
-4
-2
–
mA
V
I = 0 V;
V
Q = 32 V;
V
ADJ/EN = 5 V
5.1.10 Reverse Current
at Negative Input Voltage
I
I
-5
-3
–
mA
V
I = -16 V;
V
Q = 0 V;
V
ADJ/EN = 5 V
Feedback Input FB (version GA / EJ A only):
5.1.11 Feedback Input Biasing
Current
I
FB
–0.1
0.5
µA
V
FB = 5 V
Overtemperature Protection:
5.1.12 Junction Temperature
Equilibrium
T
j,eq
151
–
200
°C
T
j increasing due to power
dissipation generated
by the IC 1)
1) Parameter not subject to production test; specified by design.
2) Measured when the output voltage
VQ has dropped 100 mV from its nominal value.
Table 1
Electrical Characteristics Tracking Regulator
V
I = 13.5 V; VADJ/EN ≥ 2.0 V; VFB = VQ (version GA / EJ A); -40 °C ≤ Tj ≤ 150 °C; CQ = 1 µF;
all voltages with respect to ground (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com