Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254GS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4254GS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254GS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4254GS Datasheet HTML 9Page - Infineon Technologies AG TLE4254GS Datasheet HTML 10Page - Infineon Technologies AG TLE4254GS Datasheet HTML 11Page - Infineon Technologies AG TLE4254GS Datasheet HTML 12Page - Infineon Technologies AG TLE4254GS Datasheet HTML 13Page - Infineon Technologies AG TLE4254GS Datasheet HTML 14Page - Infineon Technologies AG TLE4254GS Datasheet HTML 15Page - Infineon Technologies AG TLE4254GS Datasheet HTML 16Page - Infineon Technologies AG TLE4254GS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
13
Rev. 1.2, 2009-11-18
TLE4254
Electrical Characteristics
5.3
Adjust / Enable Input
In order to reduce the quiescent current to a minumum, the TLE4254 can be switched to stand-by mode by setting
the adjust/enable input “ADJ/EN” to “low”.
In case the pin “ADJ/EN is left open, an internal pull-down resistors keeps the voltage at the pin low and therefore
ensures that the regulator is switched off.
Table 3
Electrical Characteristics Adjust / Enable
V
I = 13.5 V; VADJ/EN ≥ 2.0 V; VFB = VQ (version GA / EJ A); -40 °C ≤ Tj ≤ 150 °C; CQ = 1 µF
all voltages with respect to ground (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
5.3.16 Adjust / Enable
Low Signal Valid
V
ADJ/EN,low
––0.4
V
V
Q = 0 V;
I
Q ≤ 5 µA @ Tj ≤ 125 °C
5.3.17 Adjust / Enable
High Signal Valid
(Tracking Region)
V
ADJ/EN,high
2––
V
V
Q settled
5.3.18 Adjust / Enable
Input Current
I
ADJ/EN
–23
µA
V
ADJ/EN = 5 V
5.3.19 Adjust / Enable
Input Current
if Input tied to GND
I
ADJ/EN
–0.3
0.6
mA
V
ADJ/EN = 5 V;
V
I = 0 V
5.3.20 Adjust / Enable
internal pull-down resistor
R
ADJ/EN
1.7
2.5
3.3
M
Ω
Typical Performance Characteristics Adjust / Enable Input
Adjust / Enable Input
Current
I
ADJ/EN vs. Tj
Adjust / Enable Input
Current
I
ADJ/EN vs. VI
Startup Sequence
V
Q vs. VADJ,EN
-50
Tj [°C]
50
100
IADJ [µA]
IADJ-Tj .vsd
2.3
2.2
2.1
2.4
0
150
2.5
VI = 13.5 V
VADJ = 5 V
0
V
I [V]
10
30
IADJ _ VI.v s d
10
1
40
I
ADJ [µA]
100
20
T
j = -40 °C
T
j = 150 °C
V
Q [V]
VQ-VADJ.vsd
3
2
1
4
V
I = 13.5 V
23
4
1
V
ADJ [V]
T
j = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com