Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254GS Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4254GS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254GS Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4254GS Datasheet HTML 7Page - Infineon Technologies AG TLE4254GS Datasheet HTML 8Page - Infineon Technologies AG TLE4254GS Datasheet HTML 9Page - Infineon Technologies AG TLE4254GS Datasheet HTML 10Page - Infineon Technologies AG TLE4254GS Datasheet HTML 11Page - Infineon Technologies AG TLE4254GS Datasheet HTML 12Page - Infineon Technologies AG TLE4254GS Datasheet HTML 13Page - Infineon Technologies AG TLE4254GS Datasheet HTML 14Page - Infineon Technologies AG TLE4254GS Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
11
Rev. 1.2, 2009-11-18
TLE4254
Electrical Characteristics
Output Current Limitation
I
Q,max
vs. Input Voltage
V
I, VADJ,EN = 5V
Output Current Limitation
I
Q,max
vs. Input Voltage
V
I, VADJ,EN = 2V
Reverse Output Current
I
Q vs.
Output Voltage
V
Q
Dropout Voltage
V
dr vs.
Output Current
I
Q
Dropout Voltage
V
dr vs.
Junction Temperature
T
j
Reverse Current
I
I vs.
Input Voltage
V
I
Typical Performance Characteristics Tracking Regulator
0
V
I [V]
20
30
I
Q [mA]
SOA_5V.VSD
60
40
20
80
10
40
120
T
j = 25 °C
V
ADJ = 5 V
T
j = 150 °C
T
j = -40 °C
0
V
I [V]
20
30
I
Q [mA]
SOA_2V.VSD
60
40
20
80
10
40
120
T
j = 25 °C
V
ADJ = 2 V
T
j
= 150 °C
T
j
= -40 °C
0
V
Q [V]
16
24
I
Q [mA]
IQ-VQ.vsd
-2
-3
-4
-1
832
+1
V
I = 0 V
V
ADJ = 5 V
T
j = 150 °C
T
j = -40 °C
0
0.1
I
Q [mA]
110
Vdr-IQ_log.vsd
100
10
1000
70
V
dr [mV]
T
j = 25 °C
-40
T
j [°C]
-20
20 40
80 100
V
dr [mV]
Vdr-Tj.vsd
250
150
300
060
140
120
I
Q = 70 mA
350
100
-20
V
I [V]
-10
-5
I
I [mA]
II-VI.vsd
-2
-3
-4
-1
-15
0
+1
T
j = 150 °C
T
j = -40 °C
V
Q = 0 V
V
ADJ = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com