Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254EJS Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4254EJS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254EJS Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4254EJS Datasheet HTML 8Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 9Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 10Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 11Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 12Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 13Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 14Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 15Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TLE4254
Electrical Characteristics
Data Sheet
12
Rev. 1.2, 2009-11-18
5.2
Current Consumption
Table 2
Electrical Characteristics Current Consumption
V
I = 13.5 V; VADJ/EN ≥ 2.0 V; VFB = VQ (version GA / EJ A); -40 °C ≤ Tj ≤ 150 °C; CQ = 1 µF
all voltages with respect to ground (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.2.13 Quiescent Current
Stand-by Mode
I
q1
–15
µA
V
ADJ/EN ≤ 0.4 V;
T
j ≤ 125 °C
5.2.14 Current Consumption
I
q = II - IQ
I
q2
–50
80
µA
I
Q ≤ 100 µA;
V
ADJ/EN = 5 V
5.2.15
–
9
15
mA
I
Q ≤ 70 mA;
V
ADJ/EN = 5 V
Typical Performance Characteristics Current Consumption
Quiescent Current
I
q1 vs.
Junction Temperature
T
j
Current Consumption
I
q2 vs.
Output Current
I
Q
Current Consumption
I
q vs.
Input Voltage
V
I
Iq1-Tj.vsd
1
0.1
I
q1 [µA]
-40
T
j [°C]
-20
20 40
80 100
060
140
120
V
I = 13.5V
V
EN/ADJ
= 0.2 V
0.1
I
Q [mA]
110
Iq-IQ_log.vsd
1
0,1
70
T
j = -40 °C
I
q [mA]
10
0,04
T
j = 150 °C
0
I
q [mA]
20
30
V
I [V ]
Iq _VI.v s d
1.2
0.8
0.4
10
40
0
1.8
V
ADJ = 5 V
I
Q = 1 mA
T
j = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com