Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254EJS Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4254EJS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254EJS Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4254EJS Datasheet HTML 13Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 14Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 15Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 16Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 17Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 18Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 19Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 20Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 21Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
17
Rev. 1.2, 2009-11-18
TLE4254
Application Information
Figure 7
Application circuit: Output voltage
V
Q higher than reference voltage VREF (version GA / EJ A
only)
For output voltages higher than the reference voltage, the voltage divider has to be applied between the feedback
and the output according to Application circuit: Output voltage VQ higher than reference voltage VREF
(version GA / EJ A only). The equation for the output voltage with respect to the reference voltage is given by:
Keep in mind that the input voltage has to be at minimum equal to the output voltage plus the dropout voltage of
the regulator.
With a given reference voltage
V
REF, the desired output voltage VQ and the resistor value R1FB, the resistor value
for
R2
FB is given by:
4
ADJ
IFB
Q
EN/
GND
TLE4254GA
TLE4254EJ A
8
2, 3, 6, 7
5
1
VDD
I/O
IQ
GND
VBAT
VQ > VREF
VREF
R1FB
R2FB
micro controller
e.g.
C167,
XC16X
TC17xx
Main µC supply
e.g.
TLE4271-2
TLE4471
TLE6368...
VQ
VREF
R1FB R2FB
+
R2FB
---------------------------------


⋅
=
R2FB
R1FB
VREF
VQ VREF
–
---------------------------


⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com