Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254EJS Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4254EJS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254EJS Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4254EJS Datasheet HTML 11Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 12Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 13Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 14Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 15Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 16Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 17Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 18Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
15
Rev. 1.2, 2009-11-18
TLE4254
Application Information
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
The application circuits shown are simplified examples. The function must be verified in the real application.
Figure 5
Application circuit: Output voltage
V
Q equal to reference voltage VADJ/EN
Figure 5 shows a typical schematic for applications where the tracker output voltage
V
Q equals the reference
voltage
V
REF applied to the pin “EN/ADJ”. At version GA / EJ A, the pin FB is directly connected to the output “Q”.
The reference voltage is directly applied to “EN/ADJ”.
ADJ
I
Q
EN/
GND
TLE4254GA
TLE4254EJ A
8
2, 3, 6, 7
5
1
VDD
I/O
IQ
GND
VBAT
e.g. off board
supply,
sensors
VREF
micro controller
e.g.
C167,
XC16X
TC17xx
Main µC supply
e.g.
TLE4271-2
TLE4471
TLE6368...
FB
4
EN/
ADJ
IQ
GND
TLE4254GS
TLE4254EJ S
8
5
1
micro controller
e.g.
C167,
XC16X
TC17xx
VDD
I/O
Main µC supply
e.g.
TLE4271-2
TLE4471
TLE6368...
IQ
GND
VBAT
VQ < VREF
VREF
ST
4
2, 3, 6, 7
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com