Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254EJS Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4254EJS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254EJS Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4254EJS Datasheet HTML 10Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 11Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 12Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 13Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 14Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 15Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 16Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 17Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TLE4254
Electrical Characteristics
Data Sheet
14
Rev. 1.2, 2009-11-18
5.4
Status Output (version GS / EJ S only)
The status output ST indicates an overvoltage or undervoltage situation at the regulator’s output Q. Therefore, the
output voltage
V
Q is compared to the reference voltage VADJ/EN. Variations of the output voltage are indicated by
a low signal at the status output ST. Transients shorter than the status reaction time
t
ST,r will not trigger the status
output.
The status output ST is an open collector output, requiring a pull-up resisitor to a positive voltage rail.
Table 4
Electrical Characteristics Status Output ST (Version GS / EJ S only)
V
I = 13.5 V; VADJ/EN ≥ 2.0 V; -40 °C ≤ Tj ≤ 150 °C; CQ = 1 µF
all voltages with respect to ground (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
5.4.21 Status switching threshold,
undervoltage
V
Q,UV
V
ADJ/EN
- 120
V
ADJ/EN
- 70
V
ADJ/EN
- 50
mV
V
Q decreasing
5.4.22 Status switching threshold,
overvoltage
V
Q,OV
V
ADJ/EN
+ 50
V
ADJ/EN
+ 70
V
ADJ/EN
+ 120
mV
V
Q increasing
5.4.23 Status reaction time
t
ST,r
10
15
30
µs
–
5.4.24 Status output
low voltage
V
ST,low
––0.4
V
I
ST = 1 mA;
V
I ≥ 4 V
5.4.25 Status output
sink current limitation
I
ST,max
1––
mA
I
ST = 1 mA;
V
ST = 0.8 V
5.4.26 Status output
leakage current
I
ST,leak
–02
µA
V
Q = V
ADJ/EN
V
ST = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com