Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4917 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4917
Description  Low Power Hall Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4917 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4917 Datasheet HTML 1Page - Infineon Technologies AG TLE4917 Datasheet HTML 2Page - Infineon Technologies AG TLE4917 Datasheet HTML 3Page - Infineon Technologies AG TLE4917 Datasheet HTML 4Page - Infineon Technologies AG TLE4917 Datasheet HTML 5Page - Infineon Technologies AG TLE4917 Datasheet HTML 6Page - Infineon Technologies AG TLE4917 Datasheet HTML 7Page - Infineon Technologies AG TLE4917 Datasheet HTML 8Page - Infineon Technologies AG TLE4917 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
3
AEB02800_C
Chopped
Amplifier
Hall
Probe
Latch
Active Error
Compensation
Oscillator
&
Sequencer
Threshold
Generator
Bias and
Compensation
Circuits
V
S
1
2, 4, 5
GND
Comparator
with
Hysteresis
PRG
6
3 Q
Decision
Logic
Figure 2 Block Diagram
Circuit Description
The Low Power Hall IC Switch comprises a Hall probe, bias generator, compensation
circuits, oscillator, output latch and an n-channel open drain output transistor.
The bias generator provides currents for the Hall probe and the active circuits.
Compensation circuits stabilize the temperature behavior and reduce technology variations.
The Active Error Compensation rejects offsets in signal stages and the influence of
mechanical stress to the Hall probe caused by molding and soldering processes and other
thermal stresses in the package. This chopper technique together with the threshold
generator and the comparator ensures high accurate magnetic switching points.
Very low power consumption is achieved with a timing scheme controlled by an oscillator
and a sequencer. This circuitry activates the sensor for 50 µs (typical operating time) sets
the output state after sequential questioning of the switch points and latches it with the
beginning of the following standby phase (typ. 130 ms). In the standby phase the average
current is reduced to typical 3.5 µA. Because of the long standby time compared to the
operating time the overall averaged current is only slightly higher than the standby current.
By connecting the programming pin to GND (normal to
VS) the Output State can be inverted
to further reduce the current consumption in applications where a high magnetic field is the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com