Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4917 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4917
Description  Low Power Hall Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4917 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4917 Datasheet HTML 2Page - Infineon Technologies AG TLE4917 Datasheet HTML 3Page - Infineon Technologies AG TLE4917 Datasheet HTML 4Page - Infineon Technologies AG TLE4917 Datasheet HTML 5Page - Infineon Technologies AG TLE4917 Datasheet HTML 6Page - Infineon Technologies AG TLE4917 Datasheet HTML 7Page - Infineon Technologies AG TLE4917 Datasheet HTML 8Page - Infineon Technologies AG TLE4917 Datasheet HTML 9Page - Infineon Technologies AG TLE4917 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
6
Magnetic Characteristics
PRG Pin Connected to VS
Parameter
Symbol
Limit Values
Unit
Notes
Min.
typ.
max.
Operate Points
BOPS
BOPN
3.5
–7
5
–5
7
–3.5
mT
mT
1)
Release Points
BRPS
BRPN
2.2
–6
4
–4
6
–2.2
mT
mT
1)
Hysteresis
BHYS
0.2
1
2
mT
1) Positive magnetic fields are related to the approach of a magnetic south pole to the branded side of package
PRG Pin Connected to GND
Parameter
Symbol
Limit Values
Unit
Notes
Min.
typ.
max.
Operate Points
BOPS
BOPN
2.2
-6
4
-4
6
-2.2
mT
mT
1)
Release Points
BRPS
BRPN
3.5
-7
5
-5
7
-3.5
mT
mT
1)
Hysteresis
BHY
0.2
1
2
mT
1) Positive magnetic fields are related to the approach of a magnetic south pole to the branded side of package
Note: The listed AC/DC and magnetic characteristics are ensured over the operating range
of the integrated circuit. Typical characteristics specify mean values expected over
the production spread. If not other specified, typical characteristics apply at
Tj = 25 °C
and
VS = 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com