Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4917 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4917
Description  Low Power Hall Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4917 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4917 Datasheet HTML 5Page - Infineon Technologies AG TLE4917 Datasheet HTML 6Page - Infineon Technologies AG TLE4917 Datasheet HTML 7Page - Infineon Technologies AG TLE4917 Datasheet HTML 8Page - Infineon Technologies AG TLE4917 Datasheet HTML 9Page - Infineon Technologies AG TLE4917 Datasheet HTML 10Page - Infineon Technologies AG TLE4917 Datasheet HTML 11Page - Infineon Technologies AG TLE4917 Datasheet HTML 12Page - Infineon Technologies AG TLE4917 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
12
Information about the application circuit of the TLE 4917
Application circuit TLE 4917
The minimum value for the pull up resistor can be calculated with the power supply voltage
Vs, the maximum current IQmax and the minimum output saturation voltage VQSAT.
Example:
for Vs = 3 V: RLmin = (Vs - VQSATmin)/IQmax = (3 V - 0,1 V)/0,002 A = 1435
Ω
Larger values for RL will reduce the current IQ and therefore the power consumption. If the
resistor RL is very large (>100 k
Ω) a capacitor (app. 10pF) between Output and GND pin
could be useful if capacitive coupled noise occurs.
The load at the output Q should have a large input resistance to reduce the current trough
RL and the power consumption.
The TLE 4917 has 3 ground pins. From a mechanical point of view all ground pins should
be connected to ground. Shortest wires should be used to avoid ground loops.
If there is a need to reduce the number of used ground-pins any ground-pin combination
may me used. Furthermore it is possible using only one ground-pin at the application, all
pins are equivalent.
The capacitor C is highly recommended to reduce noise on the power supply voltage and it
will improve the EMI/EMC performance.
Furthermore it decreases the transient peak supply current during operation time. The IC
toggles between low and high current consumption. This behaviour might produce
additional noise at the power supply. The capacitor will reduce this noise.
Furthermore this capacitor is used to supply the sensor if microbreaks (short loss of supply
voltage) occur.
Shortest connection wires between IC and capacitor should be used to avoid noise.
The switch S1 shows the programming feature of the output.
Example:
If the PRG-pin is connected to Vs the IC will hold the output Q at a high voltage level for B= 0 mT in this circuit. A
magnetic field larger than the operating point will switch the output to low level. In typical applications the PRG-pin is
connected directly to Vs or to GND depending on the technical needs. Avoid using a floating PRG-pin.
1 Vs
C= 10 nF
RL=2700
Ω
Sensor
Vs
Output
2 Gnd
3 Q
6 Prg
5 Gnd
4 Gnd
S1
Gnd
TLE 4917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com