Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4917 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4917
Description  Low Power Hall Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4917 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4917 Datasheet HTML 1Page - Infineon Technologies AG TLE4917 Datasheet HTML 2Page - Infineon Technologies AG TLE4917 Datasheet HTML 3Page - Infineon Technologies AG TLE4917 Datasheet HTML 4Page - Infineon Technologies AG TLE4917 Datasheet HTML 5Page - Infineon Technologies AG TLE4917 Datasheet HTML 6Page - Infineon Technologies AG TLE4917 Datasheet HTML 7Page - Infineon Technologies AG TLE4917 Datasheet HTML 8Page - Infineon Technologies AG TLE4917 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
5
Operating Range
Parameter
Symbol
Limit Values
Unit
Notes
Min.
typ.
max.
Supply voltage
VS
2.4
2.7
5.5
V
1)
Output voltage
VQ
– 0.3
2.7
5.5
V
Programming Pin Voltage VPRG
– 0.3
0
0.3
V
Inverted output
state
VS –
0.3
VS
VS +
0.3
Standard output
state
Ambient Temperature
TA
– 40
25
85
°C
1) A Ceramic Bypass Capacitor of 10 nF at
V
S to GND is highly recommended.
AC/DC Characteristics
Parameter
Symbol
Limit Values
Unit
Notes
Min.
typ.
Max.
Averaged Supply Current ISAVG
1
4
20
µA
Averaged Supply
Current
during Operating Time
ISOPAVG
0.5
1.1
2.5
mA
Transient Peak Supply
Current
during Operating Time
ISOPT
–
–
2.5
mA
t < 100 ns
Supply Current
during Standby Time
ISSTB
1
3.5
20
µA
Output Saturation Voltage VQSAT
–
0.13
0.4
V
IQ = 1 mA
Output Leakage Current IQLEAK
–
0.01
1
µA
Output Rise Time
tr
–
0.3
1
µs
RL = 2.7 k
Ω;
CL = 10 pF
Output Fall Time
tf
–
0.1
1
µs
RL = 2.7 k
Ω;
CL = 10 pF
Operating Time
top
15
50
93
1) 2)
µs
Standby Time
tstb
–
130
240
3)
ms
Duty Cycle
top / tstb
–
0.039
–
%
Start-up Time of IC
tstu
–
6
12
µs
4)
1) for V
S=3.5V the max. Operating Time top max = 85µs
2) includes the Start-up Time t
stu
3) for V
S=3.5V the max. Standby Time tstb max = 220ms
4) initial power on time. V
S must be applied in this time ( typ. 6µs to max. 12µs ) to get already a valid output
state after the first operating phase (typ. 56µs). For rise times of VS > 12µs, the output state is valid after the
second operating phase (includes one standby phase), e.g. happens only when the battery in flip phones is
changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com