Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4953
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4953 Datasheet HTML 4Page - Infineon Technologies AG TLE4953 Datasheet HTML 5Page - Infineon Technologies AG TLE4953 Datasheet HTML 6Page - Infineon Technologies AG TLE4953 Datasheet HTML 7Page - Infineon Technologies AG TLE4953 Datasheet HTML 8Page - Infineon Technologies AG TLE4953 Datasheet HTML 9Page - Infineon Technologies AG TLE4953 Datasheet HTML 10Page - Infineon Technologies AG TLE4953 Datasheet HTML 11Page - Infineon Technologies AG TLE4953 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
5
V 4.0, 2010-04
states), leading to a change in phase shift between magnetic input signal and output
signal. After that consecutive output edges should have a nominal delay of about 360°.
During the uncalibrated mode the offset value is calculated by the peak detection
algorithm as described below.
The differential input signal is digitized in the speed A/D converter and fed into the DSP
part of the circuit. The minimum and maximum values of the input signal are extracted
and their corresponding arithmetic mean value is calculated. The offset of this mean
value is determined and fed into the offset cancellation DAC.
The offset update takes place when two valid extremes are found and the direction of the
update has the same orientation as the magnetic slope (valid for calibrated mode). For
example an positive offset update is only possible on a rising magnetic edge. The offset
update is done independant from the output switching.
After successful correction of the offset, the output switching is in calibrated mode.
Switching occurs at adaptive threshold-crossover. It is only affected by the propagation
delay time of the signal path, which is mainly determined by the noise limiting filter.
Signals which are below a predefined threshold
∆B
Limit are not detected. This prevents
unwanted switching.
The adaptive hysteresis is linked to the PGA state. Therefore the system is able to
suppress switching if vibration or noise signals are smaller than the adaptive hysteresis.
The switching and direction information is fed into the DSP and the output encoder. The
pulse length of the High output current is generated according to the rotational speed
and the direction of rotation.
Direction signal circuitry
The differential signal between a third Hall probe and the mean value of the differential
Hall probe pair is obtained from the direction input amplifier. This signal is digitized by
the direction ADC and fed into the digital circuitry. There, the phase of the signal referring
to the speed signal is analyzed and the direction information is forwarded to the output
encoder. The phase is identified by calculating the size of the direction signal at two
consecutive zero crossings of the speed signal. This is done by subtracting the current
direction signal from the internal stored value which has been taken from the previous
magnetic edge.
Depending on the phase shift between the direction signal and the speed signal a
positive or a negative value occur. The information if the new direction calculation takes
place at a rising or a falling magnetic edge allows together with the algebraic sign of the
calculated direction signal a reliable direction detection.
The first pulse after power is always a speed pulse as there is no stored direction
information available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com