Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4953
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4953 Datasheet HTML 8Page - Infineon Technologies AG TLE4953 Datasheet HTML 9Page - Infineon Technologies AG TLE4953 Datasheet HTML 10Page - Infineon Technologies AG TLE4953 Datasheet HTML 11Page - Infineon Technologies AG TLE4953 Datasheet HTML 12Page - Infineon Technologies AG TLE4953 Datasheet HTML 13Page - Infineon Technologies AG TLE4953 Datasheet HTML 14Page - Infineon Technologies AG TLE4953 Datasheet HTML 15Page - Infineon Technologies AG TLE4953 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
9
V 4.0, 2010-04
AC/DC Characteristics
All values specified at constant amplitude and offset of input signal, over operating range, unless
otherwise specified. Typical values correspond to VCC=12V and TA=25°C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.
Supply current
I
Low
5.9
7
8.4
mA
Supply current
I
High
11.8
14
16.8
mA
Supply current ratio
I
High/ILow
1.9
–
–
Output rise/fall slew rate
TLE4953
t
r, tf
12
–
26
mA/µs
R
M = 75 Ω
Tj ≤ 170 °C
See Figure 5
Output rise/fall slew rate
TLE4953C
t
r, tf
8
–
26
mA/µs
R
M = 75 Ω
Tj ≤ 170 °C
See Figure 5
Current ripple d
I
X/dVCC
I
X
–
–
90
µA/V
Only valid for
TLE4953
Limit threshold speed
0Hz
≤ f ≤ 2500 Hz
2500 Hz
≤ f ≤ 12000 Hz
∆B
Limit
0.35
0.8
1.5
1.75
mT
1)
Limit differential direction
signal
0Hz
≤ f ≤ 1100 Hz
∆B
Dir
0.35
0.73
mT
Calculated at two
consecutive
threshold
crossings2)
Initial calibration delay
time
t
d,input
–
300
345
µs
Additional to nstart
Magnetic edges required
for first output pulse
(no previous vibration
detected)
n
start
–
–
2
magn.
edges
pulse occurs only
on rising
magnetic edge
Number of pulses in
uncalibrated mode
nDZ-Startup
2
pulses 3rd pulse
calibrated
Number of emitted pulses
with invalid direction
information3)
n
DR-Start
–
–
24)
pulses 3rd pulse correct
Frequency
f
0
–
12000 Hz
4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com