Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4953
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4953 Datasheet HTML 12Page - Infineon Technologies AG TLE4953 Datasheet HTML 13Page - Infineon Technologies AG TLE4953 Datasheet HTML 14Page - Infineon Technologies AG TLE4953 Datasheet HTML 15Page - Infineon Technologies AG TLE4953 Datasheet HTML 16Page - Infineon Technologies AG TLE4953 Datasheet HTML 17Page - Infineon Technologies AG TLE4953 Datasheet HTML 18Page - Infineon Technologies AG TLE4953 Datasheet HTML 19Page - Infineon Technologies AG TLE4953 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
13
V 4.0, 2010-04
Electro Magnetic Compatibility (values depend on
R
M!)
Characterization of Electro Magnetic Compatibility are carried out on sample base of one
qualification lot. Not all specification parameters have been monitored during EMC
exposure. Only key parameters as e.g. switching current have been monitored
Parameter
Symbol
Level/Typ
Status
Ref. ISO 7637-1; test circuit 1;
∆B = 2 mT (amplitude of sinus signal); V
CC = 13.5 V, fB = 100 Hz; T = 25 °C; RM ≥ 75 Ω
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
Testpulse 4
Testpulse 5
V
EMC
IV / – 100 V
IV / 100 V
IV / – 150 V
IV / 100 V
IV / – 7 V
IV / 86.53) V
C1)
C1)
A
A
B2)
C
1) According to 7637-1 the supply switched "OFF" for
t = 200 ms.
2) According to 7637-1 for test pulse 4 the test voltage shall be 12 V ± 0.2 V. Measured with RM =75Ω only.
Mainly the current consumption will decrease. Status C with test circuit 1.
3) Applying in the board net a suppressor diode with sufficient energy absorption capability.
Ref. ISO 7637-3; test circuit 1;
∆B = 2 mT (amplitude of sinus signal); V
CC = 13.5 V, fB = 100 Hz; T = 25 °C; RM ≥ 75 Ω
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
V
EMC
IV / – 30 V
IV / 30 V
IV / – 60 V
IV / 40 V
A
A
A
A
Ref. ISO 11452-3; test circuit 1; measured in TEM-cell
∆B = 2 mT; V
CC = 13.5 V, fB = 100 Hz; T= 25 °C
EMC field strength
(TLE4953)
ETEM-Cell
IV / 200 V/m
AM = 80%,
f = 1 kHz
EMC field strength
(TLE4953C)
ETEM-Cell
IV / 250 V/m
AM = 80%,
f = 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com