Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4953
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4953 Datasheet HTML 12Page - Infineon Technologies AG TLE4953 Datasheet HTML 13Page - Infineon Technologies AG TLE4953 Datasheet HTML 14Page - Infineon Technologies AG TLE4953 Datasheet HTML 15Page - Infineon Technologies AG TLE4953 Datasheet HTML 16Page - Infineon Technologies AG TLE4953 Datasheet HTML 17Page - Infineon Technologies AG TLE4953 Datasheet HTML 18Page - Infineon Technologies AG TLE4953 Datasheet HTML 19Page - Infineon Technologies AG TLE4953 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
15
V 4.0, 2010-04
0.1
6.35 ±0.4
12.7 ±0.3
±0.3
4
CODE
1 x 45˚
12.7±1
CODE
CODE
-0.1
1
0.25 ±0.05
0.2+0.1
Adhesive
Tape
0.39±0.1
-0.15
0.25
1.9 MAX.
5.16±0.08
5.34±0.05
1.9 MAX.
±0.05
0.87
±0.05
1.67
2.54
2 A
A
2x
1) No solder function area
Total tolerance at 10 pitches ±1
Tape
±1˚
12
0.2
2x
0.5
PG-SSO-2-1 (Plastic Single Small Outline Package)
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com