Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 14Page - Infineon Technologies AG TLE5012 Datasheet HTML 15Page - Infineon Technologies AG TLE5012 Datasheet HTML 16Page - Infineon Technologies AG TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
18
V 1.0, 2010-11
3.2
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the device.
3.3
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the TLE5012. All
parameters specified in the following sections refer to these operating conditions, unless otherwise noted. Table 3
is valid for -40°C < TJ < 150°C unless otherwise noted.
Table 2
Absolute maximum ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Voltage on VDD pin with respect to
ground (VSS)
VDD
-0.5
-
6.5
V
Max. 40 h/lifetime
Voltage on any pin with respect to
ground (VSS)
VIN
-0.5
-
6.5
V
Additionally VDD + 0.5 V may
not be exceeded
Junction temperature
TJ
-40
-
150
°C
-
-
150
°C
For 1000 h not additive
Magnetic field induction
B
-
-
│125│
mT
Max. 5 min @ TA = 25°C
--
│100│
mT
Max. 5 h @ TA = 25°C
Storage temperature
TST
-40
-
150
°C
Without magnetic field
Table 3
Operating range
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Supply voltage
VDD
3.0
5.0
5.5
V
1)
Output current (DATA-Pad)
IQ
-
-
-25
mA
PAD_DRV =’0x’, sink
current2)3)
-
-
-5
mA
PAD_DRV =’10’, sink
current2)3)
-
-
-0.4
mA
PAD_DRV =’11’, sink
current2)3)
Output current (IFA / IFB-Pad)
IQ
-
-
-15
mA
PAD_DRV =’0x’, sink
current2)3)
-
-
-5
mA
PAD_DRV =’1x’, sink
current2)3)
Input voltage
VIN
-0.3
-
5.5
V
VDD + 0.3 V may not be
exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com