Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
21
V 1.0, 2010-11
3.4.2
ESD Protection
Table 5
Electrical parameters for 4.5V < V
DD < 5.5V
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Input signal low level
VL5
-
-
0.3 VDD
V
Input signal high level
VH5
0.7 VDD --
V
Output signal low level
VOL5
--
1
V
DATA; IQ = - 25 mA
(PAD_DRV=’0x’), IQ = - 5 mA
(PAD_DRV=’10’), IQ = - 0.4 mA
(PAD_DRV=’11’)
-
-
1
V
IFA,IFB; IQ = - 15 mA
(PAD_DRV=’0x’), IQ = - 5 mA
(PAD_DRV=’1x’)
Table 6
Electrical parameters for 3.0V < V
DD < 3.6V
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Input signal low level
VL3
-
-
0.2 VDD
V
Input signal high level
VH3
0.8 VDD --
V
Output signal low level
VOL3
--
0.9
V
DATA; IQ = - 15 mA
(PAD_DRV=’0x’), IQ = - 3 mA
(PAD_DRV=’10’), IQ = - 0.24 mA
(PAD_DRV=’11’)
-
-
0.9
V
IFA,IFB; IQ = - 10 mA
(PAD_DRV=’0x’), IQ = - 3 mA
(PAD_DRV=’1x’)
Table 7
ESD protection
Parameter
Symbol
Values
Unit
Notes
min.
max.
ESD voltage
VHBM
-
±4.0
kV
Human Body Model1)
1) Human Body Model (HBM) according to AEC-Q100-002
VSDM
-
±0.5
kV
Socketed Device Model2)
2) Socketed Device Model (SDM) according to ESDA/ANSI/ESD SP5.3.2-2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com