Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 15Page - Infineon Technologies AG TLE5012 Datasheet HTML 16Page - Infineon Technologies AG TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
19
V 1.0, 2010-11
The field strength of a magnet can be selected within the colored area in Figure 10. By limitation of the junction
temperature, a higher magnetic field can be applied. In case of a maximum temperature TJ=100°C a magnet with
up to 60mT at TA=25°C is allowed.
Figure 10
Magnet performance (ambient temperature)
Note: The thermal resistances listed in Table 29 “Package parameters” on Page 61 must be used to calculate
the corresponding ambient temperature.
Magnetic induction at TA = 25°C
4)5)
BXY
30
-
50
mT
-40°C < TJ < 150°C
BXY
30
-
60
mT
-40°C < TJ < 100°C
BXY
30
-
70
mT
-40°C < TJ < 85°C
Expanded magnetic induction at
TA = 25°C
4)5)
BXY
25
-
30
mT
Additional angle error of 0.1° 6)
Angle range
Ang
0
-
360
°
1) Directly blocked with 100-nF ceramic capacitor
2) Max. current to GND over open-drain output
3) At VDD = 5V
4) Values refer to an homogenous magnetic field (BXY) without vertical magnetic induction (BZ = 0mT)
5) See Figure 10
6) 0 h
Table 3
Operating range
(cont’d)
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com