Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG TLE5012 Datasheet HTML 26Page - Infineon Technologies AG TLE5012 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
23
V 1.0, 2010-11
3.4.4
Angle Performance
After internal calculation the sensor has a remaining error, as shown in Table 11. The error value refers to BZ =
0mT and the operating conditions given in Table 3 “Operating range” on Page 18.
The overall angle error represents the relative angle error. This error describes the deviation from the reference
line after zero angle definition.
Autocalibration
The autocalibration enables online parameter calculation and therefore reduces the angle error due to
temperature drift, lifetime drift, and misalignments.
The TLE5012 is a pre-calibrated sensor. After start-up, the parameters out of the laser fuses get loaded into flip-
flops. The TLE5012 needs more than a full revolution to generate new parameters. The update mode can be
chosen within the Interface Mode 2 register (AUTOCAL). The parameters are updated in a smooth way to avoid
an angle jump on the output. Therefore only one LSB will be changed within the choosen range or time. The
autocalibration is done continuously.
AUTOCAL Modes:
•
00: No autocalibration
•
01: Autocalibration Mode 1. Only one LSB to final values within the update time tupd (depending on FIR_MD
setting).
•
10: Autocalibration Mode 2. Only one LSB update over one full revolution. After update of one LSB, the
autocalibration will calculate the parameters again.
•
11: Autocalibration Mode 3. Only one LSB to final values within an angle range of 11.25°.
3.4.5
Signal Processing
The signal path of the TLE5012 is depicted in Figure 12. It consists of the GMR bridge, ADC, filter, and angle
calculation. Depending on the filter configuration, various total delay times are achieved. In addition to this delay
time, the delay time of the interface has to be considered. The delay time leads to an additional angle error at
higher speeds. By enabling the prediction, the signal delay time can be reduced (Figure 13). The prediction uses
the difference between current and last angle value and calculates the output value by adding this difference to
the current value. A linear prediction is thereby achieved.
(3)
Table 9
Angle performance
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Overall Angle Error (with auto-
calibration)
αErr
-0.61)
1) At 25°C, B = 30 mT
1.0
°
including lifetime and
temperature drift2)3)4)
2) Including hysteresis error, caused by revolution direction change.
3) Only with calibrated GMR-compensation parameters of customer setup; Relative error after zero angle definition.
4) Not subject to production test - verified by design/characterization
Overall Angle Error (without auto-
calibration)
αErr
-0.61)
1.6
°
including temperature
drift2)3)5)
5) 0 h
)
1
(
)
(
2
)
1
(
−
−
⋅
=
+
t
t
t
α
α
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com