Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7189F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 5Page - Infineon Technologies AG TLE7189F Datasheet HTML 6Page - Infineon Technologies AG TLE7189F Datasheet HTML 7Page - Infineon Technologies AG TLE7189F Datasheet HTML 8Page - Infineon Technologies AG TLE7189F Datasheet HTML 9Page - Infineon Technologies AG TLE7189F Datasheet HTML 10Page - Infineon Technologies AG TLE7189F Datasheet HTML 11Page - Infineon Technologies AG TLE7189F Datasheet HTML 12Page - Infineon Technologies AG TLE7189F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet
9
Rev. 2.1, 2007-05-30
TLE7189F
General Product Characteristics
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
4.1.27
Voltage difference CH2-CL2
V
CP2
-0.3
25
V
–
4.1.28
DC voltage difference between VDH and
VS3)
V
VDHVS
-2
+2
V
–
4.1.29
Voltage range at ISPx, ISNx
V
ISI
-5
5
V
–
4.1.30
Output current range at VOx
I
VOx
-10
10
mA
–
External components
4.1.31
Gate resistor
R
G
2–
Ω
–
4.1.32
Min. Voltage rating of CB2 capacitor
V
CCB2a
-20
20
V
–
4.1.33
Min. Voltage rating of CB2 capacitor
V
CCB2b
-31
+31
V
V
S > 20V;
V
INH=low
Temperatures
4.1.34
Junction temperature
T
J
-40
150
°C–
4.1.35
Storage temperature
T
stg
-55
150
°C–
4.1.36
Lead soldering temperature
(1/16’’ from body)
T
sol
–260
°C–
4.1.37
Peak reflow soldering temperature5)
T
ref
–260
°C–
Thermal Resistance
4.1.38
Junction to case
R
thJC
–5
K/W
–
ESD Susceptibility
4.1.39
ESD Resistivity6)
V
ESD
-2
2
kV
4.1.40
ESD Resistivity (charge device model)7)
V
ESD
–750
V
1) Not subject to production test, specified by design.
2) after 50h the chip must be replaced; resistor in series
3) High frequent transient ringing above 1MHz exceeding the +/-2V is allowed
5) Reflow profile IPC/JEDEC J-STD-020C
6) ESD susceptibility HBM according to EIA/JESD 22-A 114B
7) ESD susceptibility CDM according to EIA/JESD 22-C 101
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply voltage1)
VS1
5.5
20
V
DC
4.2.2
Supply voltage1)
VS2
5.5
28
T
A=25°C; t<1min
Absolute Maximum Ratings (cont’d)1)
-40
°C ≤ Tj ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise
specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com