Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7189F Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 21Page - Infineon Technologies AG TLE7189F Datasheet HTML 22Page - Infineon Technologies AG TLE7189F Datasheet HTML 23Page - Infineon Technologies AG TLE7189F Datasheet HTML 24Page - Infineon Technologies AG TLE7189F Datasheet HTML 25Page - Infineon Technologies AG TLE7189F Datasheet HTML 26Page - Infineon Technologies AG TLE7189F Datasheet HTML 27Page - Infineon Technologies AG TLE7189F Datasheet HTML 28Page - Infineon Technologies AG TLE7189F Datasheet HTML 29Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Data Sheet
25
Rev. 2.1, 2007-05-30
TLE7189F
Application Description
6
Application Description
In the automotive sector there are more and more applications requiring high performance motor drives, such as
electro-hydraulic or electric power steering. In these applications 3 phase motors, synchronous and
asynchronous, are used, combining high output performance, low space requirements and high reliability.
Figure 5
Application Circuit - TLE7189F
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
SH1
V
S=12V
C
xxxx µF
µC
and/or
System
ASIC
GH1
SH2
GH2
GL1
GL2
VS
IL1
IH1
GND
SL1
SH3
GH3
SL2
GL3
SL3
IL2
IH2
IL3
IH3
GND
VDH
TLE7189
P-GND
P-GND
ERR1
ERR2
CH1
CL1
C
CP1
1 µF
CB1
C
CB1
2.2µF
VRO
ISP2
ISP3
VO1
Shunt
INH
ENA
SCDL
VO2
ISP1
ISN2
VO3
ISN1
ISN3
VS_OA
VCT
V_Bridge
R
VDH
100
Ω
>2
Ω
CH2
CL2
C
CP2
1µF
CB2
C
CB2
1 µF
ceramic
V_Bridge
VRI
>2
Ω
>2
Ω
>2
Ω
>2
Ω
>2
Ω
Reverse
polarity
switch
R
VS
10
Ω *)
*) see max. Ratings
see 4.1.2: all
pump capacitors
1
µF to 4.7µF
capacitors for
shunt signal
conditioning only if
additional filtering
is desired
R
ERR *)
R
ERR *)
R
O *)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com