Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7189F Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 8Page - Infineon Technologies AG TLE7189F Datasheet HTML 9Page - Infineon Technologies AG TLE7189F Datasheet HTML 10Page - Infineon Technologies AG TLE7189F Datasheet HTML 11Page - Infineon Technologies AG TLE7189F Datasheet HTML 12Page - Infineon Technologies AG TLE7189F Datasheet HTML 13Page - Infineon Technologies AG TLE7189F Datasheet HTML 14Page - Infineon Technologies AG TLE7189F Datasheet HTML 15Page - Infineon Technologies AG TLE7189F Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TLE7189F
Description and Electrical Characteristics
Data Sheet
12
Rev. 2.1, 2007-05-30
5
Description and Electrical Characteristics
5.1
MOSFET Driver
5.1.1
Output Stages
The 3 low side and 3 high side powerful push-pull output stages of the TLE7189F are all floating blocks, each with
its own source pin. This allows the direct connection of the output stage to the source of each single MOSFET,
allowing a perfect control of each gate-source voltage even when 200A are driven in the bridge with rise and fall
times clearly below 1µs.
All 6 output stages have the same output power and thanks to the used charge pump principle they can be
switched all up to 30kHz.
Its output stages are powerful enough to drive MOSFETs with 400nC gate charge with approx. 150ns fall and rise
times or even to run 12 MOSFETs with 200nC each with fall and rise times of approx. 150ns.
Maximum allowed power dissipation, max. junction temperature and the capabilities of the charge pump limit the
use for higher frequencies.
Each output stage has its own short circuit detection block. For more details about short circuit detection see
Chapter 5.2.1.
Figure 3
Block Diagram of Driver Stages including Short Circuit Detection
CB2
GHx
SHx
VDH
V
SCP
+
-
Level
shifter
Floating HS driver 3x
GLx
SLx
V
SCP
+
-
Level
shifter
Floating LS driver 3x
CB1
Charge pump 1
Charge pump 2
CB2
CB1 CL2 CH2
CH1
CL1
Under voltage lock out
INH
VS
Error logic
Reset
Power On Reset
Under voltage
Over voltage
Over temperature
Short circuit+disable
ERR1
ERR2
ENA
short circuit filter
SCD
SCD
SCD
Input logic
shoot through
protection
dead time
lock / unlock
IH1
IL1
IH2
IL2
IH3
IL3
ON / OFF
ON / OFF
UVLO
GND
SCDL
+3.3V
R1
R2
To Vbat
Shuntx
P-GND
SCD
SCD
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com