Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7189F Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 18Page - Infineon Technologies AG TLE7189F Datasheet HTML 19Page - Infineon Technologies AG TLE7189F Datasheet HTML 20Page - Infineon Technologies AG TLE7189F Datasheet HTML 21Page - Infineon Technologies AG TLE7189F Datasheet HTML 22Page - Infineon Technologies AG TLE7189F Datasheet HTML 23Page - Infineon Technologies AG TLE7189F Datasheet HTML 24Page - Infineon Technologies AG TLE7189F Datasheet HTML 25Page - Infineon Technologies AG TLE7189F Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TLE7189F
Data Sheet
22
Rev. 2.1, 2007-05-30
5.3
Shunt Signal Conditioning
The TLE7189F incorporates three fast and precise operational amplifiers for conditioning and amplification of the
shunt signals sensed in the three phases. Additionally, one reference bias buffer is integrated to provide an
adjustable bias reference for the three OpAmps. The voltage divider on the VRI pin should be less than 50 k
Ω, the
filtering capacitor less than 1.2 µF - if needed at all. The gain of the OpAmps is adjustable by external resistors
within a range of 3 to 20 or more, as long as the band width satisfies the need of the application.
In the circuit example below VO1 provides the reference voltage
V
VRO, when the shunt voltage is zero. VVRO is
normally half of the regulated voltage provided from an external voltage regulator for the ADC used to read the
current sense signal. The additional buffer allows bi-directional current sensing and permits the adaptation of the
reference bias to different µC I/O voltages. The reference buffer assures a stable reference voltage even in the
high frequency range.
The reference bias buffer is used for all of the OpAmps. The OpAmps of the TLE7189F demonstrate low offset
voltages and very little drift over temperature, thus allowing accurate phase current measurements.
Figure 4
Shunt Signal Conditioning Block Diagram
VRI
VRO
ISP1
ISN1
-
+
Shunt
Rfb
Rfb
Rs
Rs
VO1
Bias
Reference
I-DC Link
OpAmp1
3.3V
ISP2
ISN2
I-DC Link
OpAmp2
VO2
ISP3
ISN3
I-DC Link
OpAmp3
VO3
Rfb
Rfb
Rs
Rs
Rs
Rs
to ADCs
TLE7189
Adjustable
bias
reference
R
VRI
R
VRI
C
VRI
C
VRI < 1.2 µF (if needed)
R
VRI < 50 kOhm
1k
1k
Dependent on
customer specific
requirements additional
filtering can be
necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com