Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250GVIO Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 14Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 15Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 17Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
14
Rev. 1.0, 2010-09-03
TLE8250GVIO
General Product Characteristics
6.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
6.3
Thermal Characteristics
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 4
Operating Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Supply Voltages
6.2.1
Transceiver Supply Voltage
VCC
4.75
5.25
V
–
6.2.1
Logical Supply Voltage
VIO
3.00
5.25
V
–
Thermal Parameters
6.2.2
Junction temperature
Tj
-40
150
°C
1)
1) Not subject to production test, specified by design
Table 5
Thermal Resistance1)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Typ.
Max.
Thermal Resistance
6.3.1
Junction to Ambient1)
R
thJA
–130
–K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The Product
(TLE8250GVIO) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Thermal Shutdown Junction Temperature
6.3.2
Thermal shutdown temp.
T
JSD
150
175
200
°C
–
6.3.3
Thermal shutdown
hysteresis
∆T10
K
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com