Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250GVIO Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 14Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 15Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 17Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 18Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 19Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
16
Rev. 1.0, 2010-09-03
TLE8250GVIO
Electrical Characteristics
Not Enable Input NEN
7.1.17 HIGH level input voltage
threshold
V
NEN,H
–0.5
×
V
IO
0.7
×
V
IO
V
Stand-By mode;
7.1.18 LOW level input voltage
threshold
V
NEN,L
0.3
×
V
IO
0.4
×
V
IO
–
V
Normal Operation mode;
7.1.19 NEN pull-up resistance
R
NEN
10
25
50
k
Ω
–
7.1.20 NEN input hysteresis
VHYS(NEN) –
200
–
mV
1)
Bus Receiver
7.1.21 Differential receiver threshold
“Dominant”
V
DIFF,(D)
–
0.75
0.9
V
Normal Operation mode
7.1.22 Differential receiver threshold
“Recessive”
V
DIFF,(R)
0.5
0.6
–
Normal Operation mode
7.1.23 Differential receiver input
range - “Dominant”
V
diff,rdN
0.9
–
5.0
V
Normal Operation mode
7.1.24 Differential receiver input
range - “Recessive”
V
diff,drN
-1.0
–
0.5
V
Normal Operation mode
7.1.25 Common Mode Range
CMR
-12
–
12
V
V
CC = 5 V
7.1.26 Differential receiver hysteresis Vdiff,hys
–
100
–
mV
1)
7.1.27 CANH, CANL input resistance Ri
10
20
30
k
Ω
“Recessive” state
7.1.28 Differential input resistance
Rdiff
20
40
60
k
Ω
“Recessive” state
Bus Transmitter
7.1.29 CANL/CANH recessive output
voltage
VCANL/H
2.0
2.5
3.0
V
V
TxD = VIO;
no load
7.1.30 CANH, CANL recessive
output voltage difference
Vdiff
-500
–
50
mV
V
TxD = VIO;
no load
7.1.31 CANL dominant output voltage VCANL
0.5
–
2.25
V
V
TxD = “Low”;
50
Ω < RL <65 Ω
7.1.32 CANH dominant output voltage VCANH
2.75
–
4.5
V
V
TxD =0V;
50
Ω < RL <65 Ω
7.1.33 CANH, CANL dominant output
voltage difference
Vdiff = VCANH - VCANL
Vdiff
1.5
–
3.0
V
V
TxD =“Low”;
50
Ω < RL <65 Ω
7.1.34 Driver Symmetry
VSYM = VCANH + VCANL
VSYM
4.5
–
5.5
V
V
TxD = “Low”;VCC = 5 V
50
Ω < RL <65 Ω
7.1.35 CANL short circuit current
ICANLsc
50
100
200
mA
V
CANLshort = 18 V
7.1.36 CANH short circuit current
I
CANHsc
-200
-100
-50
mA
V
CANHshort = 0 V
7.1.37 Leakage current
I
CANHL,lk
-5
0
5
µA
V
CC =0 V; VCANH = VCANL;
0V<
V
CANH,L <5V
Table 6
Electrical Characteristics (cont’d)
4.75 V <
V
CC < 5.25 V; 3.0 V < VIO < 5.25 V; RL =60 Ω; Tj = -40 °C to +150 °C; all voltages with respect to ground;
positive current flowing into pin; unless otherwise specified.
Pos. Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com