Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250GVIO Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 17Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 18Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 19Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 20Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 21Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 22Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 23Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
20
Rev. 1.0, 2010-09-03
TLE8250GVIO
Application Information
8.2
Output Characteristics of the RxD Pin
The RxD output pin is designed as a push-pull output stage (see Figure 1), meaning to produce a logical “Low”
signal the TLE8250GVIO switches the RxD output to GND. Vice versa to produce a logical “High” signal the
TLE8250GVIO switches the RxD output to
V
IO.
The level
V
RXD,H for a logical “High” signal on the RxD output depends on the load at the RxD output pin and
therefore on the RxD output current
I
RD,H. The voltage level VRxD,H also depends on the voltage of the power
supply
V
IO. According to the operating range (see Table 4) the power supply VIO can vary between 3.0 V and
5.25 V. At a
V
IO supply of 5.25 V the output current of the RxD pin on the TLE8250GVIO is higher as in comparison
for a
V
IO supply of 3.3 V. For a load against the GND potential, the current IRD,H is flowing out of the RxD output pin.
Similar to the logical “High” signal, the level
V
RXD,L for a logical “Low” signal on the RxD output pin depends on the
input current
I
RD,L and the power supply voltage VIO. For a load against the power supply VIO the current IRD,L is
flowing into the RxD output pin.
Currents flowing into the device are marked positive inside the data sheet and currents flowing out of the device
TLE8250GVIO are marked negative inside the data sheet (see Table 6).
The diagram in Figure 11 shows the output current capability of the RxD output pin depended on the chip
temperature
T
J at a VIO power supply of 5.0 V. Figure 12 shows the output current capability of the RxD output pin
at a
V
IO power supply of 3.3 V.
Both diagrams show the output current for a logical “High” level
V
RxD,H = 4.6 V. The CAN transceiver
TLE8250GVIO provides a logical “High” signal on the RxD output while the signal on the CAN bus is “Recessive”
(see Figure 3):
•The curve “
V
RxD,H = 4.6 V; typical output current; VCC =5.0 V; VIO =5.0 V;” displays the typical output
current at the RxD output pin of the TLE8250GVIO (see Figure 11).
For this graph
V
CC = 5.0 V and VIO =5.0 V.
•The curve “
V
RxD,H = 4.6 V; typical output current + 6 sigma; VCC =5.0 V; VIO =5.0 V;” displays the
expected maximum value of the output current at the RxD output pin (see Figure 11).
For this graph
V
CC = 5.0 V and VIO =5.0 V.
•The curve “
V
RxD,H = 4.6 V; typical output current - 6 sigma; VCC =5.0 V; VIO =5.0 V;” displays the
expected minimum value of the output current at the RxD output pin (see Figure 11).
For this graph
V
CC = 5.0 V and VIO =5.0 V.
•The curve “
V
RxD,H = 4.6 V; typical output current; VCC =5.0 V; VIO =3.3 V;” displays the typical output
current at the RxD output pin of the TLE8250GVIO (see Figure 12).
For this graph
V
CC = 5.0 V and VIO =3.3 V.
•The curve “
V
RxD,H = 4.6 V; typical output current + 6 sigma; VCC =5.0 V; VIO =3.3 V;” displays the
expected maximum value of the output current at the RxD output pin (see Figure 12).
For this graph
V
CC = 5.0 V and VIO =3.3 V.
•The curve “
V
RxD,H = 4.6 V; typical output current - 6 sigma; VCC =5.0 V; VIO =3.3 V;” displays the
expected minimum value of the output current at the RxD output pin (see Figure 12).
For this graph
V
CC = 5.0 V and VIO =3.3 V.
The diagram in Figure 13 and the diagram in Figure 14 show the input current capability of the RxD output pin
depended on the chip temperature
T
J. Figure 13 shows the input current capability of the RxD output pin at a VIO
power supply of 5.0 V and Figure 14 shows the input current capability of the RxD output pin at a
V
IO power supply
of 3.3 V.
Both diagrams show the input current for a logical “Low” level
V
RxD,H = 0.4 V. The CAN transceiver TLE8250GVIO
provides a logical “Low” signal on the RxD output while the signal on the CAN bus is “Dominant” (see Figure 3):
•The curve “
V
RxD,H = 0.4 V; typical input current; VCC =5.0 V; VIO =5.0 V;” displays the typical input current
at the RxD output pin of the TLE8250GVIO (see Figure 13).
For this graph
V
CC = 5.0 V and VIO =5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com