Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250GVIO Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 18Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 19Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 20Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 21Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 22Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 23Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 24Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 25Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
22
Rev. 1.0, 2010-09-03
TLE8250GVIO
Application Information
Figure 11
RxD Output driver capability for a logical “High” signal
V
RxD,H=4.6 V, VCC=5.0 V, VIO=5.0 V
1)
1) Characteristics generated by simulation and specified by design. Production test criteria is described in Table 6;
Pos.: 7.1.10
0,0
1,0
2,0
3,0
4,0
5,0
6,0
7,0
8,0
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Temperature Range [°C]
VRXD,H =4.6V typ. output current;
VCC=5.0V; VIO=5.0V
VRXD,H=4.6V typ. output current
+6sigma; VCC=5.0V; VIO=5.0V
VRXD,H=4.6V typ. output current
- 6 sigma; VCC=5.0V; VIO=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com