Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 24Page - Texas Instruments DAC8563 Datasheet HTML 25Page - Texas Instruments DAC8563 Datasheet HTML 26Page - Texas Instruments DAC8563 Datasheet HTML 27Page - Texas Instruments DAC8563 Datasheet HTML 28Page - Texas Instruments DAC8563 Datasheet HTML 29Page - Texas Instruments DAC8563 Datasheet HTML 30Page - Texas Instruments DAC8563 Datasheet HTML 31Page - Texas Instruments DAC8563 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
V
/V
REFIN
REFOUT
R
1
Q
2
Q
1
R
2
Reference
Enable
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
INTERNAL REFERENCE
The DAC756x, DAC816x, and DAC856x include a 2.5-V internal reference that is disabled by default. The
internal reference is externally available at the VREFIN/VREFOUT pin. The internal reference output voltage is 2.5 V
and can sink and source up to 20 mA.
A minimum 150-nF capacitor is recommended between the reference output and GND for noise filtering.
The internal reference of the DAC756x, DAC816x, and DAC856x is a bipolar transistor based precision bandgap
voltage reference. Figure 90 shows the basic bandgap topology. Transistors Q1 and Q2 are biased such that the
current density of Q1 is greater than that of Q2. The difference of the two base-emitter voltages (VBE1 – VBE2) has
a positive temperature coefficient and is forced across resistor R1. This voltage is amplified and added to the
base-emitter voltage of Q2, which has a negative temperature coefficient. The resulting output voltage is virtually
independent of temperature. The short-circuit current is limited by design to approximately 100 mA.
Figure 90. Bandgap Reference Simplified Schematic
28
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com