Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 11Page - Texas Instruments DAC8563 Datasheet HTML 12Page - Texas Instruments DAC8563 Datasheet HTML 13Page - Texas Instruments DAC8563 Datasheet HTML 14Page - Texas Instruments DAC8563 Datasheet HTML 15Page - Texas Instruments DAC8563 Datasheet HTML 16Page - Texas Instruments DAC8563 Datasheet HTML 17Page - Texas Instruments DAC8563 Datasheet HTML 18Page - Texas Instruments DAC8563 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
VREFIN = 2.5 V
DACs at midscale code, Gain = 1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
Internal reference enabled
DACs at midscale code, Gain = 1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
IDD (µA)
IREFIN (µA)
Both channels and internal reference
in power−down mode; VREFIN = AVDD
−1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
−20
−15
−10
−5
0
5
10
15
20
ILOAD (mA)
Full scale
Mid scale
Zero scale
Typical channel shown
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5 V (continued)
At TA = 25°C, 5-V external reference used, gain = 1 and DAC output not loaded, unless otherwise noted.
POWER-SUPPLY CURRENT
POWER-SUPPLY CURRENT
vs POWER-SUPPLY VOLTAGE
vs POWER-SUPPLY VOLTAGE
Figure 26.
Figure 27.
POWER-DOWN CURRENT
POWER-DOWN CURRENT
vs TEMPERATURE
vs POWER-SUPPLY VOLTAGE
Figure 28.
Figure 29.
DAC OUTPUT VOLTAGE
vs LOAD CURRENT
Figure 30.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com