Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 36Page - Texas Instruments DAC8563 Datasheet HTML 37Page - Texas Instruments DAC8563 Datasheet HTML 38Page - Texas Instruments DAC8563 Datasheet HTML 39Page - Texas Instruments DAC8563 Datasheet HTML 40Page - Texas Instruments DAC8563 Datasheet HTML 41Page - Texas Instruments DAC8563 Datasheet HTML 42Page - Texas Instruments DAC8563 Datasheet HTML 43Page - Texas Instruments DAC8563 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
R1
2.5 k
R6
10 k
R8
10 k
R9
40 k
R7
40 k
GND
V
A
OUT
V
B
OUT
DAC8562
C1
470 nF
XTR111
VIN
REGF
REGS
R2
2.5 k
R3
3 k
R
SET
2.5 k
SET
5.5 V
0 to 5 V
0 to 5 V
A
VDD
IS
VG
Q2
R4
15
R5
15
C2
10 nF
I
0- to 20-mA Output
OUT
V
±10-V Output
OUT
24 V
VSP
Q1
V
REFOUT
OPA140
18 V
–18 V
–
+
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
PLC ANALOG OUTPUT MODULE USING THE DAC8562
The DAC8562 can be mated with one of TI's 0- to 20-mA voltage-to-current transmitters to create a low-cost,
programmable current source for use in PLC applications. One specific example includes combining the
DAC8562 with the XTR111 to create a voltage-to-current solution. The DAC output voltage generates a current,
ISET, which is determined by the value of the external resistor, RSET. This current is internally amplified by 10 and
output at the IS node. A p-channel MOSFET Q1 can be added in an application where a wide compliance
voltage is required, for example, when using a high impedance load. The optional PNP transistor, Q2, along with
the R4 resistor provides external current limiting in a case where the external FET is forced to low impedance.
Additionally, resistors R2 and R3 can be used to scale the 3-V internal regulator to a desired voltage to power
the DAC. Figure 96 shows a working 0- to 20-mA solution using one DAC8562 channel and a
±10-V voltage
output using the other DAC8562 channel. For more information on the
±10-V voltage output circuit see the UP
TO
±15-V BIPOLAR OUTPUT USING THE DAC8562 application.
Figure 96. 0- to 20-mA and
±10-V Outputs Using DAC8562
40
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com