Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 25Page - Texas Instruments DAC8563 Datasheet HTML 26Page - Texas Instruments DAC8563 Datasheet HTML 27Page - Texas Instruments DAC8563 Datasheet HTML 28Page - Texas Instruments DAC8563 Datasheet HTML 29Page - Texas Instruments DAC8563 Datasheet HTML 30Page - Texas Instruments DAC8563 Datasheet HTML 31Page - Texas Instruments DAC8563 Datasheet HTML 32Page - Texas Instruments DAC8563 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
POWER-ON RESET
Power-On Reset to Zero-scale
The DAC7562, DAC8162, and DAC8562 contain a power-on-reset circuit that controls the output voltage during
power up. All device registers are reset as shown in Table 6. At power up all DAC registers are filled with zeros
and the output voltages of all DAC channels are set to zero volts. Each DAC channel remains that way until a
valid load command is written to it. The power-on reset is useful in applications where it is important to know the
state of the output of each DAC while the device is in the process of powering up. No device pin should be
brought high before power is applied to the device. The internal reference is disabled by default and remains that
way until a valid reference-change command is executed.
Power-On Reset to Mid-scale
The DAC7563, DAC8163, and DAC8563 contain a power-on reset circuit that controls the output voltage during
power up. At power up, all DAC registers are reset to mid-scale code and the output voltages of all DAC
channels are set to VREFIN/2 volts. Each DAC channel remains that way until a valid load command is written to
it. The power-on reset is useful in applications where it is important to know the state of the output of each DAC
while the device is in the process of powering up. No device pin should be brought high before power is applied
to the device. The internal reference is powered off/down by default and remains that way until a valid
reference-change command is executed. If using an external reference, it is acceptable to power on the VREFIN
either at the same time as or after AVDD is applied.
Table 6. DACxx62 and DACxx63 Power-On Reset Values
REGISTER
DEFAULT SETTING
DACxx62
Zero-scale
DAC and Input registers
DACxx63
Mid-scale
LDAC registers
LDAC pin enabled for both channels
Power-down registers
DACs powered up
Internal reference register
Internal reference disabled
Gain registers
Gain = 1 for both channels
CLR FUNCTIONALITY
The edge-triggered CLR pin can be used to set the input and DAC registers immediately according to Table 7.
When the CLR pin receives a falling edge signal the clear mode is activated and changes the DAC output
voltages accordingly. The part exits clear mode on the 24th falling edge of the next write to the part. If the CLR
pin receives a falling edge signal during a write sequence in normal operation, the clear mode is activated and
changes the input and DAC registers immediately according to Table 7.
Table 7. Clear Mode Reset Values
DEVICE
DAC Output Entering Clear Mode
DAC8562, DAC8162, DAC7562
Zero-scale
DAC8563, DAC8163, DAC7563
Mid-scale
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com