Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3524 Datasheet(PDF) 4 Page - Seme LAB

Part # IP3524
Description  REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3524 Datasheet(HTML) 4 Page - Seme LAB

  IP3524 Datasheet HTML 1Page - Seme LAB IP3524 Datasheet HTML 2Page - Seme LAB IP3524 Datasheet HTML 3Page - Seme LAB IP3524 Datasheet HTML 4Page - Seme LAB IP3524 Datasheet HTML 5Page - Seme LAB IP3524 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NOTES
1. Test Conditions unless otherwise stated: VIN = 20V , IREF = 0.
2. VCM = +1.8 to +3.4V
3. VCM = -1 to +1V
IP1524
IP2524
IP3524
Parameter
Test Conditions 1
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
0
45
49
180
200
220
200
1.2
4
0.3
40
0.1
50
12
17
18
0.2
0.1
510
0
45
49
190
200
210
170
200
230
1.2
48
0.3
40
0.1
50
12
17
18
0.2
0.4
0.1
0.2
510
Minimum Duty Cycle
Maximum Duty Cycle
Sense Voltage
High Input Voltage
High Input Current
Low Input Voltage
Collector – Emitter Voltage
Collector Leakage Current
Collector Saturation
Voltage
Emitter Output Voltage
Emitter Voltage Rise Time
Collector Voltage Fall Time
Standby Current
VPIN1 – VPIN2 ≥ 150mV
TJ = Over Temp. Range
VPIN2 – VPIN1 ≥ 150mV
TJ = Over Temp. Range
VCM = 0
VCM = 0
TJ = Over Temp. Range
VPIN9 ≤ 0.6V
TJ = Over Temp. Range
VSHUTDOWN = +5V
TJ = Over Temp. Range
VPIN9 ≥ 3.5V
TJ = Over Temp. Range
IC = 50µATJ = Over Temp. Range
VCE = 40V
TJ = Over Temp. Range
IC = 50mA
TJ = Over Temp. Range
VIN = 20V
TJ = Over Temp. Range
RE = 2kΩ
RC = 2kΩ
VIN = 40V
TJ = Over Temp. Range
%
%
mV
V
mA
V
V
µA
V
V
µs
mA
LAB
SEME
IP1524 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
PWM COMPARATOR
POWER CONSUMPTION
CURRENT LIMIT AMPLIFIER 3
SHUTDOWN INPUT
OUTPUT SECTION (each transistor)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com