Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3524 Datasheet(PDF) 6 Page - Seme LAB

Part # IP3524
Description  REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3524 Datasheet(HTML) 6 Page - Seme LAB

  IP3524 Datasheet HTML 1Page - Seme LAB IP3524 Datasheet HTML 2Page - Seme LAB IP3524 Datasheet HTML 3Page - Seme LAB IP3524 Datasheet HTML 4Page - Seme LAB IP3524 Datasheet HTML 5Page - Seme LAB IP3524 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LAB
SEME
IP1524 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
-10
0
10
20
30
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
R = 300k
Ω
L
R = 100k
Ω
L
IN
V
= 20V
J
T = 25˚C
Note:
Value of R below 30k
Ω will begin to
limit the maximum duty cycle.
L
R =
∞
L
R = 1M
Ω
L
R = 30k
Ω
L
1
2
5
10
20
50
100
100
1k
10k
100k
1M
R
TIMING RESISTOR (k
Ω)
IN
V
= 20V
J
T = 25˚C
T
C
= 0.1µ
F
C
= 0.0
3
µF
C
= 0.0
1
µF
C
= 0.0
03µF
C
= 0.0
01µF
T
T
T
T
T
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Voltage Amplification
of Error Amplifier vs. Frequency
Oscillator Frequency vs.
Timing Components
1
10
0.001
0.01
0.1
0.1
C
TIMING CAPACITOR (
µF)
T
IN
V
= 20V
J
T = 25˚C
Note:
Dead Time = Oscillator output pulse width
plus output delay.
J
0
1
2
3
4
0
20
406080
100
LOAD CURRENT (mA)
IN
V
= 20V
T
= 1
25
˚ C
T
= 2
5˚C
J
T =
-55
˚ C
J
Output Dead Time vs.
Timing Capacitance Value
Output Saturation Voltage vs.
Load Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com