Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3524 Datasheet(PDF) 2 Page - Seme LAB

Part # IP3524
Description  REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3524 Datasheet(HTML) 2 Page - Seme LAB

  IP3524 Datasheet HTML 1Page - Seme LAB IP3524 Datasheet HTML 2Page - Seme LAB IP3524 Datasheet HTML 3Page - Seme LAB IP3524 Datasheet HTML 4Page - Seme LAB IP3524 Datasheet HTML 5Page - Seme LAB IP3524 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LAB
SEME
IP1524 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
V
R
C
+5V TO ALL
INTERNAL CIRCUITRY
INV.
INPUT
ERROR
AMP
REFERENCE
REGULATOR
OSCILLATOR
OSCILLATOR
OUTPUT
FLIP
FLOP
COMPARATOR
+5V
NOR
NOR
SHUTDOWN
C
E
C
E
+5V
C.L.
N.I.
INPUT
GND
(SUBSTRATE)
COMPENSATION
+SENSE
–SENSE
+5V
4
9
5
1
2
8
10
IN
T
T
15
6
7
A
A
B
B
12
11
13
14
16
3
1k
Ω
10k
Ω
+8 to +40V
0 to +40V
+1.8 to +3.4V
0 to 100mA
0 to 20mA
30
µA to 2mA
50Hz to 500kHz
1.8k
Ω to 100kΩ
1nF to 0.1
µF
–55 to +125°C
-25 to +85°C
0 to +70°C
RECOMMENDED OPERATING CONDITIONS
DESCRIPTION
The IP1524 series of PWM switching regulator control circuits contains all the functions required to implement single-
ended or push-pull switching regulators. Included are voltage reference, error amplifer, oscillator, PWM comparator,
output drivers, current limiting and shutdown circuitry.
Although functionally indentical to the SG1524 series, SEMELAB has incorporated several improvements to the IP1524
allowing tighter and more complete specification of electrical performance.
BLOCK DIAGRAM
VIN
Input Voltage
Collector Voltage
Error Amp Common Mode Range
Output Current
(each transistor)
Reference Load Current
Oscillator Charging Current
Oscillator Frequency Range
RT
Oscillator Timing Resistor
CT
Oscillator Timing Capacitor
TAMB
Operating Ambient Temperature Range
IP1524
IP2524
IP3524



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com