Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3524 Datasheet(PDF) 1 Page - Seme LAB

Part # IP3524
Description  REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3524 Datasheet(HTML) 1 Page - Seme LAB

  IP3524 Datasheet HTML 1Page - Seme LAB IP3524 Datasheet HTML 2Page - Seme LAB IP3524 Datasheet HTML 3Page - Seme LAB IP3524 Datasheet HTML 4Page - Seme LAB IP3524 Datasheet HTML 5Page - Seme LAB IP3524 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LAB
SEME
IP1524 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
REGULATING
PULSE WIDTH
MODULATORS
FEATURES
• Guaranteed ±2% reference voltage tolerance
• Guaranteed ±6% oscillator tolerance
• Fully specified temperature performance
• Guaranteed 10mV/1000 hours long term stability
• Interchangeable with SG1524 series
+VIN
Input Voltage
Collector Voltage
Output Current
(each transistor)
Reference Load Current
Oscillator Charging Current
Shut Down Pin Voltage
Current Limit Sense Common Mode Range
PD
Power Dissipation
TA = 25°C
Derate @ TA > 50°C
PD
Power Dissipation
TC = 25°C
Derate @ TC > 25°C
TJ
Operating Junction Temperature
TSTG
Storage Temperature Range
TL
Lead Temperature
(soldering, 10 seconds)
+40V
+40V
100mA
Internally Limited
5mA
+5.5V
–1.0 to +1.0V
1W
10mW/°C
2W
16mW/°C
See Ordering Information
–65 to +150°C
+300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TOP VIEW
J Package – 16 Pin Ceramic DIP
N Package – 16 Pin Plastic DIP
D Package – 16 Pin Plastic (150) SOIC
8
1
2
3
4
5
6
7
14
13
12
11
10
9
15
16
INV. INPUT
N. I. INPUT
OSC. OUTPUT
+C.L. SENSE
–C.L. SENSE
R
T
C
T
GROUND
V
REF
V
IN
EB
CB
CA
EA
SHUTDOWN
COMPENSATION
Part
J–Pack
N–Pack
D–16
Temp.
Number
16 Pin
16 Pin
16 Pin
Range
IP1524
-55 to +125°C
IP2524
-25 to +85°C
IP3524
0 to +70°C
Order Information
Note:
To order, add the package identifier to the part number.
eg.
IP1524J
IP3524D–16


Similar Part No. - IP3524

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP3524B SEME-LAB-IP3524B Datasheet
71Kb / 7P
REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - IP3524

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Texas Instruments
SG2524 TI-SG2524 Datasheet
521Kb / 20P
REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
Regulating Pulse Width Modulators
logo
Seme LAB
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
REGULATING PULSE WIDTH MODULATORS
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
Regulating Pulse Width Modulators
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
REGULATING PULSE-WIDTH MODULATORS
logo
STMicroelectronics
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com