Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3526 Datasheet(PDF) 4 Page - Seme LAB

Part # IP3526
Description  REGULATING PULSE WIDTH MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3526 Datasheet(HTML) 4 Page - Seme LAB

  IP3526 Datasheet HTML 1Page - Seme LAB IP3526 Datasheet HTML 2Page - Seme LAB IP3526 Datasheet HTML 3Page - Seme LAB IP3526 Datasheet HTML 4Page - Seme LAB IP3526 Datasheet HTML 5Page - Seme LAB IP3526 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IP1526 SERIES
4/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VPIN2 – VPIN1 ≥ 150mV
VPIN1 – VPIN2 ≥ 150mV
ISOURCE = 40µA
ISINK = 3.6mA
VIH = 2.4V
VIL = 0.4V
RS ≤ 50Ω
RESET = 0.4V
RESET = 2.4V
ISOURCE = 20mA
ISOURCE = 100mA
ISINK = 20mA
ISINK = 100mA
VC = 40V
CL = 1000pF
CL = 1000pF
VIN = 35V
RT = 4.12kΩ
SHUTDOWN = 0.4V
Minimum Duty Cycle
Maximum Duty Cycle
HIGH Output Voltage
LOW Output Voltage
HIGH Input Current
LOW Input Current
Sense Voltage
Input Bias Current
Error Clamp Voltage
CS Charging Current
HIGH Output Voltage
LOW Output Voltage
Collector Leakage
Rise Time
Fall Time
Standby Current
IP1526
IP3526
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
0
45
49
2.4
4.0
0.2
0.4
–125
–300
–225
–500
80
100
120
–3
–10
0.1
0.4
50
100
150
12.5
13.5
12
13
0.2
0.3
1.2
2.0
50
150
0.3
0.6
0.1
0.2
18
30
0
45
49
2.4
4.0
0.2
0.4
–125
–200
–225
–360
90
100
110
–3
–10
0.1
0.4
50
100
150
12.5
13.5
12
13
0.2
0.3
1.2
2.0
50
150
0.3
0.6
0.1
0.2
18
30
%
V
µA
mV
µA
V
µA
V
V
µA
µs
mA
NOTES
1. Test Conditions unless otherwise stated:
VIN = 15V
TJ = –55 to +125°C
for IP1526
TJ = 0 to +70°C
for IP3526
2. Oscillator / PWM Section Test Conditions:
fOSC = 40kHz
(RT = 4.12kΩ , CT = 0.01µF ±1%, RD = 0)
3. Error Amplifier Section Test Conditions:
VCM = 0 to 5.2V
4. Current Limit Comparator Section Test Conditions:
VCM = 0 to 12V
5. Output Driver Section Test Conditions:
VC = 15V
ELECTRICAL CHARACTERISTICS (TJ = Over Operating Temperature Range unless otherwise stated)
PWM COMPARATOR 2
DIGITAL PORTS (SYNC, SHUTDOWN & RESET)
CURRENT LIMIT COMPARATOR 4
SOFT–START SECTION
OUTPUT DRIVERS (each output) 5
POWER CONSUMPTION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com