Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3526 Datasheet(PDF) 1 Page - Seme LAB

Part # IP3526
Description  REGULATING PULSE WIDTH MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3526 Datasheet(HTML) 1 Page - Seme LAB

  IP3526 Datasheet HTML 1Page - Seme LAB IP3526 Datasheet HTML 2Page - Seme LAB IP3526 Datasheet HTML 3Page - Seme LAB IP3526 Datasheet HTML 4Page - Seme LAB IP3526 Datasheet HTML 5Page - Seme LAB IP3526 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IP1526 SERIES
4/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
REGULATING
PULSE WIDTH
MODULATOR
FEATURES
• 8 to 35V operation
• 5V reference trimmed to ±1%
• 1Hz to 400kHz oscillator range
• Dual 100mA source/sink outputs
• Digital current limiting
• Double pulse suppression
• Programmable deadtime
• Undervoltage lockout
• Single Pulse metering
• Programmable soft start
• Wide current limit common mode range
• TTL/CMOS compatible logic ports
• Symmetry correction capability
• Guaranteed 6 unit synchronisation
+VIN
Input Voltage
Collector Supply Voltage
Logic Inputs
Analogue Inputs
Source / Sink Load Current
Reference Load Current
Logic Sink Current
PD
Power Dissipation
TA = 25°C
Derate @ TA > 50°C
PD
Power Dissipation
TC = 25°C
Derate @ TC > 25°C
TJ
Operating Junction Temperature
TSTG
Storage Temperature Range
TL
Lead Temperature
(soldering, 10 seconds)
+40V
+40V
–0.3 to +5.5V
–0.3 to +VIN
200mA
Internally Limited
15mA
1W
10mW/°C
3W
24mW/°C
See Ordering Information
–65 to +150°C
+300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TOP VIEW
J Package – 18 Pin Ceramic DIP
N Package – 18 Pin Plastic DIP
DW Package – 18 Pin Plastic (300) SOIC
8
1
2
3
4
5
6
7
14
13
12
11
10
9
15
16
17
18
V
REF
OUTPUT B
GROUND
OUTPUT A
+ERROR
–ERROR
COMPENSATION
SOFTSTART
C
RESET
+CURRENT SENSE
–CURRENT SENSE
SHUTDOWN
C TIMING
R TIMING
R DEADTIME
+V
IN
COLLECTOR
+V
SYNC
Part
J–Pack
N–Pack
D–18
Temp.
Number
18 Pin
18 Pin
18 Pin
Range
IP1526
-55 to +125°C
IP3526
0 to +70°C
Order Information
Note:
To order, add the package identifier to the part number.
eg.
IP1526J
IP3526DW–18


Similar Part No. - IP3526

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP3526A SEME-LAB-IP3526A Datasheet
69Kb / 6P
ADVANCED REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - IP3526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
Regulating Pulse Width Modulator?
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com