Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3526 Datasheet(PDF) 2 Page - Seme LAB

Part # IP3526
Description  REGULATING PULSE WIDTH MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3526 Datasheet(HTML) 2 Page - Seme LAB

  IP3526 Datasheet HTML 1Page - Seme LAB IP3526 Datasheet HTML 2Page - Seme LAB IP3526 Datasheet HTML 3Page - Seme LAB IP3526 Datasheet HTML 4Page - Seme LAB IP3526 Datasheet HTML 5Page - Seme LAB IP3526 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IP1526 SERIES
4/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
8
1
2
3
4
5
6
7
14
13
12
11
10
9
15
16
17
18
V
REF
OUTPUT B
GROUND
OUTPUT A
+ERROR
–ERROR
COMPENSATION
SOFTSTART
C
RESET
+CURRENT SENSE
–CURRENT SENSE
SHUTDOWN
C TIMING
R TIMING
R DEADTIME
+V
IN
COLLECTOR
+V
SYNC
+8 to +35V
+4.5 to +35V
0 to 100mA
0 to 20mA
1Hz to 400kHz
2k
Ω to 150kΩ
470pF to 20
µF
3% to 50%
–55 to +125°C
0 to +70°C
RECOMMENDED OPERATING CONDITIONS
VIN
Input Voltage
Collector Voltage
Sink/Source Load Current (Each Output)
Reference Load Current
Oscillator Frequency Range
RT
Oscillator Timing Resistor
CT
Oscillator Timing Capacitor
Available Deadtime Range @ 40kHz
Operating Ambient Temperature Range
IP1526
IP3526
DESCRIPTION
The IP1526 and IP3526 high performance monolithic pulse width modulator circuits are designed for fixed-frequency switching
regulators and other power control applications. Included in an 1 8-pin dual-in-line package are a temperature compensated voltage
reference, sawtooth oscillator, error amplifier, pulse width modulator, pulse metering and steering logic, and two low impedance power
drivers. Also included are protective features such as soft-start and under-voltage lockout, digital current limiting, double pulse inhibit, a
data latch for single pulse metering, adjustable deadtime, and provision for symmetry correction inputs. For ease of interface, all digital
control ports are TTL and B-series CMOS compatible. Active LOW logic design allows wired-OR connections for maximum flexibility.
This versatile device can be used to implement single-ended or push-pull switching regulators of either polarity, both transformerless
and transformer coupled.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com