Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3526 Datasheet(PDF) 3 Page - Seme LAB

Part # IP3526
Description  REGULATING PULSE WIDTH MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3526 Datasheet(HTML) 3 Page - Seme LAB

  IP3526 Datasheet HTML 1Page - Seme LAB IP3526 Datasheet HTML 2Page - Seme LAB IP3526 Datasheet HTML 3Page - Seme LAB IP3526 Datasheet HTML 4Page - Seme LAB IP3526 Datasheet HTML 5Page - Seme LAB IP3526 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IP1526 SERIES
4/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Output Voltage
Line Regulation
Load Regulation
Temperature Stability
Total Output Voltage Range
Short Circuit Current
RESET Output Voltage
Initial Accuracy
Voltage Stability
Temperature Stability
Minimum Frequency
Maximum Frequency
Sawtooth Peak Voltage
Sawtooth Valley Voltage
Input Offset Voltage
Input Bias Current
Input Offset Current
DC Open Loop Gain
High Output Voltage
Low Output Voltage
Common Mode Rejection
Supply Voltage Rejection
TJ = 25°C
VIN = 8 to 35V
IL = 0 to 20mA
VREF = 0
VREF = 3.8V
VREF = 4.8V
TJ = 25°C
VIN = 8 to 35V
RT = 150kΩ
CT = 0.2µF
RT = 2kΩ
CT = 470pF
VIN = 35V
VIN = 8V
TJ = 25°C
RS ≤ 2kΩ
RL ≥ 10MΩ
VPIN1 – VPIN2 ≥ 150mV
ISOURCE = 100µA
VPIN1 – VPIN2 ≥ 150mV
ISINK = 100µA
RS ≤ 2kΩ
VIN = 12V to 18V
IP1526
IP3526
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS (TJ = Over Operating Temperature Range unless otherwise stated)
4.9
5.0
5.1
230
550
15
50
4.85
5.0
5.15
25
80
140
0.2
0.4
2.4
4.8
±3
±8
0.5
1
710
100
400
3
3.5
1
210
–350
–2000
35
200
60
72
3.6
4.2
0.2
0.4
70
94
66
80
4.95
5.0
5.05
220
530
15
50
4.9
5.0
5.1
25
80
140
0.2
0.4
2.4
4.8
±3
±8
0.5
1
310
100
400
3
3.5
0.5
1
25
–350
–1000
35
100
64
72
3.6
4.2
0.2
0.4
70
94
66
80
V
mV
mV
V
mA
V
%
Hz
kHz
V
mV
nA
dB
V
V
dB
REFERENCE SECTION
OSCILLATOR SECTION 2
UNDERVOLTAGE LOCKOUT
ERROR AMPLIFIER SECTION 3
NOTES
1. Test Conditions unless otherwise stated:
VIN = 15V
TJ = –55 to +125°C
for IP1526
TJ = 0 to +70°C
for IP3526
2. Oscillator / PWM Section Test Conditions:
fOSC = 40kHz
(RT = 4.12kΩ , CT = 0.01µF ±1%, RD = 0)
3. Error Amplifier Section Test Condition:
VCM = 0 to 5.2V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com