Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3023 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MS3023
Description  RF & Microwave Transistors General Purpose Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS3023 Datasheet(HTML) 3 Page - Microsemi Corporation

  MS3023 Datasheet HTML 1Page - Microsemi Corporation MS3023 Datasheet HTML 2Page - Microsemi Corporation MS3023 Datasheet HTML 3Page - Microsemi Corporation MS3023 Datasheet HTML 4Page - Microsemi Corporation MS3023 Datasheet HTML 5Page - Microsemi Corporation MS3023 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS3023
Typical Performance (@ 1.0GHz / 2.0GHz)
NOTES: The fixture is not broad-band.
The unit is tested with 1.0 GHz fixture and 2.0 GHz fixture.
Input/Output
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Input Pow e r (W )
1.0 GHz
2.0 GHz
Ga in
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
Output Pow e r (W )
1.0 GHz
2.0 GHz
Input Re turn Loss
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
Output Pow e r (W )
1.0 GHz
2.0 GHz
Efficie ncy
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
0.00
1.00
2.00
3.00
4.00
5.00
6.00
Output Pow e r (W )
1.0 GHz
2.0 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com