Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3023 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS3023
Description  RF & Microwave Transistors General Purpose Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS3023 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS3023 Datasheet HTML 1Page - Microsemi Corporation MS3023 Datasheet HTML 2Page - Microsemi Corporation MS3023 Datasheet HTML 3Page - Microsemi Corporation MS3023 Datasheet HTML 4Page - Microsemi Corporation MS3023 Datasheet HTML 5Page - Microsemi Corporation MS3023 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS3023
RF & Microwave Transistors
General Purpose Amplifier Applications
GENERAL DESCRIPTION
The MS3023 is a common base, hermetically sealed silicon NPN microwave power
transistor. This device is designed for Class-C applications in the 1 ~ 2 GHz
frequency range. Gold metallization and emitter ballasting provide long-term
reliability and superior ruggedness.
FEATURES
• GOLD METALLIZATIOM
• P
OUT = 3 W MINIMUN
• 2.0 GHz
• G
P = 7.8 dB
• INFINITE VSWR CAPABLE @ RATED CONDITIONS
• HERMETIC PACKAGE
• COMMON BASE CONFIGURATION
ABSOLUTE MAXIMUM RATINGS @ 25
°°°°C
SYMBOL
PARAMETER
VALUE
UNITS
PDISS
1
Power Dissipation
12.5
W
IC
1
Device Current
550
mA
VCC
Collector Supply Voltage
35
V
TJ
Junction Temperature (Pulsed RF Operation)
+200
°C
TSTG
Storage Temperature
-65 to +150
°C
θjc1
Junction-Case Thermal Resistance
14.0
°C/W
NOTES:
1. At rated output power, pulse conditions and MSC fixture
Rev. A: Apr. 2010


Similar Part No. - MS3023

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS3023 ADPOW-MS3023 Datasheet
174Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results

Similar Description - MS3023

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81002 STMICROELECTRONICS-MSC81002 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81005 STMICROELECTRONICS-MSC81005 Datasheet
99Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81020 STMICROELECTRONICS-MSC81020 Datasheet
89Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81118 STMICROELECTRONICS-MSC81118 Datasheet
102Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82003 STMICROELECTRONICS-MSC82003 Datasheet
92Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82307 STMICROELECTRONICS-MSC82307 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC83301 STMICROELECTRONICS-MSC83301 Datasheet
96Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
02-Sep-1994
logo
Advanced Power Technolo...
MS3302 ADPOW-MS3302 Datasheet
152Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com