Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3023 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # MS3023
Description  RF & Microwave Transistors General Purpose Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS3023 Datasheet(HTML) 5 Page - Microsemi Corporation

  MS3023 Datasheet HTML 1Page - Microsemi Corporation MS3023 Datasheet HTML 2Page - Microsemi Corporation MS3023 Datasheet HTML 3Page - Microsemi Corporation MS3023 Datasheet HTML 4Page - Microsemi Corporation MS3023 Datasheet HTML 5Page - Microsemi Corporation MS3023 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS3023
MS3023 Test Circuit Layout @ 2.0 GHz
MS3023 Test Circuit Component Designations and Values @ 2.0 GHz
Part
Description
Part
Description
C1
0.2pF Chip Capacitor (ATC 200B)
C2
1.7pF Chip Capacitor (ATC 200B)
C3
1.5pF Chip Capacitor (ATC 200B)
C4
2.2pF Chip Capacitor (ATC 200B)
C5, C8
39pF Chip Capacitor (ATC 200A)
C6
0.4pF Chip Capacitor (ATC 200B)
C7
0.3pF Chip Capacitor (ATC 200B)
C9
100pF Chip Capacitor (ATC 200B)
C10
47uF 63V Electrolytic Capacitor
PCB
Arlon, εr=2.55, 31mils, 1oz
M1
86 x 550 mils (W x L)
M2
180 x 135 mils (W x L)
M3
86 x 150 mils (W x L)
M4
180 x 150 mils (W x L)
M5
86 x 625 mils (W x L)
M6
650 x 390 mils (W x L)
M7
540 x 1015 mils (W x L)
M8
86 x 500 mils (W x L)
M9
86 x 445 mils (W x L)
M10
25 x 1055 mils (W x L)
M11
25 x 1040 mils (W x L)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com